Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM422-PLUS4 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # USB-COM422-PLUS4
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-COM422-PLUS4 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  USB-COM422-PLUS4 Datasheet HTML 1Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 2Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 3Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 4Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 5Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 6Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
3
Document Reference No.: FT_000152
USB-COM422-PLUS4 Datasheet
Version 1.1
Clearance No.: 107
1.3 Block Diagram
FTDI FT4232H
High-Speed
USB Serial Bridge
USB miniB
Client
Connector
Channel A Channel B
RS422
Level Shifter
DE-9P
Connector
A
Channel C
Channel D
RS422
Level Shifter
DE-9P
Connector
B
RS422
Level Shifter
DE-9P
Connector
C
RS422
Level Shifter
DE-9P
Connector
D
Figure 1.2 USB-COM422-PLUS4 Block Diagram
1.3.1 Block description
USB Mini B Client Connector
This connector provides the interface for connection to a USB Host or Hub port. The maximum cable
length is 5 meters, according to the USB 2.0 specification.
FTDI FT4232H
FT4232H Hi-Speed USB2.0 (480Mb/s) is a quad serial UART interface IC device. Operating system device
drivers are required in order to work with the one to provide the Virtual COM Port serial functionality.
Quad RS422 Level Shifter
The RS422 level shifter converts the signals provided by the FT4232H into the voltage levels required by
RS422 devices.
Quad DE-9P Connector (Male)
The DE-9P connector is configured in an industry standard (TIA/EIA-574) pin-out to provide connection to
RS422 peripherals through standard cables. See section 3.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com