Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM422-PLUS4 Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # USB-COM422-PLUS4
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-COM422-PLUS4 Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button USB-COM422-PLUS4 Datasheet HTML 10Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 11Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 12Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 13Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 14Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 15Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 16Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 17Page - Future Technology Devices International Ltd. USB-COM422-PLUS4 Datasheet HTML 18Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
13
Document Reference No.: FT_000152
USB-COM422-PLUS4 Datasheet
Version 1.1
Clearance No.: 107
3 Connections
3.1 External Connectors
3.1.1 USB
The USB-COM422-PLUS4 is a downstream USB 2.0 High-speed Device. A standard USB “mini B”
receptacle is mounted inside the USB-COM422-PLUS4 to facilitate connection to an upstream USB Host or
Hub.
Pin Number
Pin Type
Description
1
Power
VBUS = USB Power provided from upstream USB Host or Hub
2
Bidirectional
D– = USB data signal, negative polarity
3
Bidirectional
D+ = USB data signal, positive polarity
4
ID
No connected
5
Ground
GND = USB signal ground
Shield
Case Ground
Drain = typically connected to the host PC case
Table 3.1 – USB "mini B" Receptacle Pin-Out
3.1.2 RS422
The four RS422 ports are configured as Data Terminal Equipment (DTE), with a 9-contact D-Sub Pin
connector. Pin assignments are according to TIA/EIA-422.
Pin Number
Pin Type
Description
1
Output
TXD- = Transmit Data, negative polarity
2
Output
TXD+ = Transmit Data, positive polarity
3
Input
RXD+ = Receive Data, positive polarity
4
Input
RXD- = Receive Data, negative polarity
5
Ground
GND = signal ground
6
Output
RTS- = Request To Send, negative polarity
7
Output
RTS+ = Request To Send, positive polarity
8
Input
CTS+ = Clear To Send, positive polarity
9
Input
CTS- = Clear To Send, negative polarity
Table 3.2 – DE-9P RS422 Pin-Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com