Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC162245ADGG Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC162245ADGG Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC162245ADGG
Download  74LVC162245ADGG Download
File Size   267.35 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transceiver with direction pin

74LVC162245ADGG Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC162245ADGG Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC162245ADGG
Download  74LVC162245ADGG Click to download

File Size   267.35 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transceiver with direction pin

74LVC162245ADGG Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC162245ADGG Product details

General description
The 74LVC162245A; 74LVCH162245A are 16-bit transceivers with non-inverting 3-state bus
compatible outputs in both send and receive directions. Two send/receive (nDIR) inputs control
direction, and two output enable (nOE) inputs make cascading easy. The nOE inputs control the
outputs so that the buses are effectively isolated. This device can be used as two 8-bit transceivers
or one 16-bit transceiver.
Inputs can be driven from either 3.3 V or 5 V devices. When disabled, up to 5.5 V can be applied
to the outputs. These features allow the use of these devices as translators in mixed 3.3 V and 5 V
applications.
The 74LVCH162245A bus hold on data inputs eliminates the need for external pull-up resistors to
hold unused inputs.
Both HIGH and LOW output stages include 30 Ω series termination resistors to reduce line noise.
Features and benefits
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power consumption
• Multibyte flow-through standard pin-out architecture
• Low inductance multiple power and ground pins for minimum noise and ground bounce
• Direct interface with TTL levels
• Integrated 30 Ω termination resistors
• High-impedance when VCC = 0 V
• All data inputs have bus hold (74LVCH162245A only)
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM ANSI/ESDA/Jedec JS-002 exceeds 1000 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74LVC162245ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC162245ADGG PHILIPS-74LVC162245ADGG Datasheet
84Kb / 10P
16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
74LVC162245ADGG PHILIPS-74LVC162245ADGG Datasheet
112Kb / 17P
16-bit transceiver with direction pin;
2003 Dec 08
logo
Nexperia B.V. All right...
74LVC162245ADGG NEXPERIA-74LVC162245ADGG Datasheet
257Kb / 14P
16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVC162245ADGG-Q100 NEXPERIA-74LVC162245ADGG-Q100 Datasheet
237Kb / 14P
16-bit transceiver with direction pin; 30 廓 series termination resistors; 5 V tolerant input/output; 3-state
More results


Similar Description - 74LVC162245ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74LVC162245A PHILIPS-74LVC162245A Datasheet
112Kb / 17P
16-bit transceiver with direction pin;
2003 Dec 08
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
74AVC16245 NEXPERIA-74AVC16245 Datasheet
740Kb / 15P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com