Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC162245ADGG Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC162245ADGG Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC162245ADGG
Download  74LVC162245ADGG Download
File Size   257.59 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state

74LVC162245ADGG Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC162245ADGG Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC162245ADGG
Download  74LVC162245ADGG Click to download

File Size   257.59 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state

74LVC162245ADGG Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC162245ADGG Product details

1. General description
The 74LVC162245A; 74LVCH162245A is a 16-bit transceiver with 30 Ω termination resistors and
3-state outputs. The device can be used as two 8-bit transceivers or one 16-bit transceiver. The
device features two output enables (1OE and 2OE) each controlling eight outputs, and two send/
receive (1DIR and 2DIR) inputs for direction control. A HIGH on nOE causes the outputs to assume
a high-impedance OFF-state. Inputs can be driven from either 3.3 V or 5 V devices. This feature
allows the use of these devices as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
The 74LVCH162245A bus hold on data inputs eliminates the need for external pull-up resistors to
hold unused inputs.
2. Features and benefits
• Overvoltage tolerant inputs to 5.5 V
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power consumption
• Multibyte flow-through standard pin-out architecture
• Low inductance multiple power and ground pins for minimum noise and ground bounce
• Direct interface with TTL levels
• Integrated 30 Ω termination resistors
• IOFF circuitry provides partial Power-down mode operation
• All data inputs have bus hold (74LVCH162245A only)
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM ANSI/ESDA/Jedec JS-002 exceeds 1000 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74LVC162245ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC162245ADGG PHILIPS-74LVC162245ADGG Datasheet
84Kb / 10P
16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
74LVC162245ADGG PHILIPS-74LVC162245ADGG Datasheet
112Kb / 17P
16-bit transceiver with direction pin;
2003 Dec 08
logo
Nexperia B.V. All right...
74LVC162245ADGG-Q100 NEXPERIA-74LVC162245ADGG-Q100 Datasheet
237Kb / 14P
16-bit transceiver with direction pin; 30 廓 series termination resistors; 5 V tolerant input/output; 3-state
More results


Similar Description - 74LVC162245ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2245A PHILIPS-74LVC2245A Datasheet
87Kb / 17P
Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2003 Nov 17
74LVC322245A PHILIPS-74LVC322245A Datasheet
87Kb / 16P
32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
logo
Nexperia B.V. All right...
74LVC162245A-Q100 NEXPERIA-74LVC162245A-Q100 Datasheet
237Kb / 14P
16-bit transceiver with direction pin; 30 廓 series termination resistors; 5 V tolerant input/output; 3-state
74LVCH162244A NEXPERIA-74LVCH162244A Datasheet
249Kb / 13P
16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
74LVC2245A NEXPERIA-74LVC2245A Datasheet
258Kb / 14P
Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
74ALVT162245 NEXPERIA-74ALVT162245 Datasheet
232Kb / 13P
16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 3 February 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com