Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP1T34 Datasheet (PDF) - Nexperia B.V. All rights reserved

AXP1T34 Datasheet PDF - Nexperia B.V. All rights reserved
Part # AXP1T34
Download  AXP1T34 Download
File Size   284.89 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual supply translating buffer

AXP1T34 Datasheet (PDF)

Go To PDF Page Download Datasheet
AXP1T34 Datasheet PDF - Nexperia B.V. All rights reserved

Part # AXP1T34
Download  AXP1T34 Click to download

File Size   284.89 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual supply translating buffer

AXP1T34 Datasheet (HTML) - Nexperia B.V. All rights reserved


AXP1T34 Product details

General description
The AXP1T34 is a single bit, dual supply translating buffer. It features one input (A), an output (Y)
and dual supply pins (VCCI and VCCO). Both VCCI and VCCO can be supplied at any voltage between
0.9 V and 5.5 V making the device suitable for translating between any voltage nodes specified
(1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V). No power supply sequencing is required and output
glitches during power supply transitions are prevented using patented circuitry. As a result, glitches
will not appear on the outputs for supply transitions during power-up/down between 20 mV/μs and
5.5 V/s
The input is referenced to VCCI and the output is referenced to VCCO. Schmitt-trigger action at the
input makes the circuit tolerant of slower input rise and fall times.
This device ensures low static and dynamic power consumption across the entire supply range
and is fully specified for partial power down applications using IOFF. The IOFF circuitry disables
the output, preventing the potentially damaging backflow current through the device when it is
powered down. In suspend mode when either VCCI or VCCO are at GND level the output is in the
high-impedance OFF-state
Features and benefits
• Wide supply voltage range:
• VCCI: 0.9 V to 5.5 V
• VCCO: 0.9 V to 5.5 V
• Low input capacitance; CI = 1.5 pF (typical)
• Low output capacitance; CO = 3.8 pF (typical)
• Low dynamic power consumption; CPD = 0.4 pF at VCCI = 1.2 V (typical)
• Low dynamic power consumption; CPD = 11 pF at VCCO = 5 V (typical)
• Low static power consumption; ICCI = 0.1 μA (25 °C maximum)
• Low static power consumption; ICCO = 1.0 μA (25 °C maximum)
• High noise immunity
• Complies with JEDEC standard:
• JESD8-12 (1.1 V to 1.3 V; A input)
• JESD8-11 (1.4 V to 1.6 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD12-6 (4.5 V to 5.5 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V
• Latch-up performance exceeds 100 mA per JESD78D Class II
• Inputs accept voltages up to 5.5 V
• Low noise overshoot and undershoot < 10% of VCCO
• IOFF circuitry provides partial power-down mode operation
• Multiple package options
• Specified from −40 °C to +125 °C




Similar Part No. - AXP1T34

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXP152 ETC2-AXP152 Datasheet
792Kb / 34P
Enhanced Power Supply IC
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
logo
List of Unclassifed Man...
AXP171 ETC2-AXP171 Datasheet
1Mb / 41P
Enhanced Single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
Enhanced Single Cell Li-Battery and Power System Management IC
More results


Similar Description - AXP1T34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1T34 NXP-74AUP1T34 Datasheet
107Kb / 19P
Low-power dual supply translating buffer
Rev. 01-4 December 2006
logo
ON Semiconductor
MC74LVX4245 ONSEMI-MC74LVX4245_11 Datasheet
138Kb / 10P
Dual Supply Octal Translating Transceiver
May, 2011 ??Rev. 5
logo
NXP Semiconductors
74AUP1T34 PHILIPS-74AUP1T34_15 Datasheet
391Kb / 24P
Low-power dual supply translating buffer
Rev. 5-4 September 2013
logo
ON Semiconductor
MC74LVX4245 ONSEMI-MC74LVX4245_17 Datasheet
104Kb / 10P
Dual Supply Octal Translating Transceiver
July, 2017 ??Rev. 6
logo
Nexperia B.V. All right...
74AUP1T34-Q100 NEXPERIA-74AUP1T34-Q100 Datasheet
262Kb / 17P
Low-power dual supply translating buffer
74AXP1T34 NEXPERIA-74AXP1T34 Datasheet
846Kb / 21P
Dual supply translating buffer
74LV1T34-Q100 NEXPERIA-74LV1T34-Q100 Datasheet
212Kb / 11P
Single supply translating buffer
Rev. 3 - 10 February 2022
74AUP1T34 NEXPERIA-74AUP1T34 Datasheet
317Kb / 22P
Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
74LV1T125 NEXPERIA-74LV1T125 Datasheet
247Kb / 14P
Single supply translating buffer/line driver; 3-state
Rev. 4 - 16 August 2022
74LV1T34 NEXPERIA-74LV1T34 Datasheet
227Kb / 12P
Single supply translating buffer
Rev. 3 - 10 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com