Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP1T34 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # AXP1T34
Description  Dual supply translating buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

AXP1T34 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button AXP1T34 Datasheet HTML 6Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 7Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 8Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 9Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 10Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 11Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 12Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 13Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Nexperia
AXP1T34
Dual supply translating buffer
11. Dynamic characteristics
Table 11. Typical dynamic characteristics at VCCI = 0.9 V and Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 4; for waveforms see Fig. 3.
VCCO
Symbol Parameter
Conditions
0.9 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Unit
tpd
propagation delay
A to Y
[1]
40
22
18.5
16.5
15
15
15
ns
[1] tpd is the same as tPLH and tPHL.
Table 12. Typical dynamic characteristics at VCCO = 0.9 V and Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 4; for waveforms see Fig. 3.
VCCI
Symbol Parameter
Conditions
0.9 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Unit
tpd
propagation delay
A to Y
[1]
40
33
32
31
31
31
32
ns
[1] tpd is the same as tPLH and tPHL.
AXP1T34
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 1 December 2023
10 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com