Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP1T34 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # AXP1T34
Description  Dual supply translating buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

AXP1T34 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  AXP1T34 Datasheet HTML 1Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 2Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 3Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 4Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 5Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 6Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 7Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 8Page - Nexperia B.V. All rights reserved AXP1T34 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Nexperia
AXP1T34
Dual supply translating buffer
6. Pinning information
6.1. Pinning
GW package
SOT353-1 (TSSOP5)
VCCI
VCCO
A
GND
Y
aaa-037468
1
2
3
5
4
GM package
SOT886 (XSON6)
A
aaa-037469
VCCI
GND
n.c.
VCCO
Y
Transparent top view
2
3
1
5
4
6
aaa-037470
GS package
SOT1202 (XSON6)
Transparent top view
1
6
VCCI
VCCO
2
5
A
n.c.
3
4
GND
Y
aaa-037471
Transparent top view
GX package
SOT1226-3 (X2SON5)
VCCI
VCCO
1
2
5
4
A
Y
GND
3
6.2. Pin description
Table 3. Pin description
Pin
Symbol
TSSOP5 and X2SON5
XSON6
Description
VCCI
1
1
input supply voltage
A
2
2
data input A
GND
3
3
ground (0 V)
Y
4
4
data output Y
n.c.
-
5
not connected
VCCO
5
6
output supply voltage
AXP1T34
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 1 December 2023
3 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com