Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPS3005 Datasheet (PDF) - Nexperia B.V. All rights reserved

NPS3005 Datasheet PDF - Nexperia B.V. All rights reserved
Part # NPS3005
Download  NPS3005 Download
File Size   2076.33 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 0.5 V to 5.5 V, 6 A, 15 mΩ, single channel load switch with soft start

NPS3005 Datasheet (PDF)

Go To PDF Page Download Datasheet
NPS3005 Datasheet PDF - Nexperia B.V. All rights reserved

Part # NPS3005
Download  NPS3005 Click to download

File Size   2076.33 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 0.5 V to 5.5 V, 6 A, 15 mΩ, single channel load switch with soft start

NPS3005 Datasheet (HTML) - Nexperia B.V. All rights reserved


NPS3005 Product details

1. General description
NPS3005 is a single channel load switch with an
adjustable soft start. It contains a 6 A continuous
current rated N-channel MOSFET that can operate
over an input voltage range of 0.5 V to 5.5 V.
NPS3005 is controlled by an EN pin which supports
down to 1.2 V control voltage.
NPS3005 provides stable On-resistance with an extra
BIAS pin operating from 1.5 V to 5.5 V.
NPS3005 integrates over temperature protection. The
internal MOSFET will be turned off when the junction
temperature exceeds 160 ºC and will be turned on
automatically when the junction temperature drops by
20 ºC.
NPS3005 integrates an 230 Ω on-chip resistor
between output and ground pin for Quick Output
Discharge (QOD) when the switch is turned off.
The NPS3005 is offered 8 pin 2 mm x 2 mm
HWSON8 package with thermal pad for better thermal
conductivity. this product family is characterized
for operation over a -40 ºC to +105 ºC ambient
temperature range.
2. Features and benefits
• Bias voltage range: 1.5 V to 5.5 V
• Input voltage range: 0.5 V to 5.5 V
• Maximum continuous current (IMAX) : 6 A
• 15 mΩ (typical) on-resistance
• 1.2 V control logic compatible
• Adjustable soft start
• Quick output discharge
• Thermal shutdown
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 exceeds
2000 V
• CDM ANSI/ESDA/JEDEC JS-002 exceeds
1000 V
• SOT8067-1 (HWSON8) with thermal pad (plastic
thermal enhanced very very thin Small Outline
packages, no leads; 8 terminals; 0.5 mm pitch;
2.0 mm x 2.0 mm x 0.75 mm body)
• Specified from -40 °C to +105 °C
3. Applications
• Solid State Drive (SSD)
• Notebooks and Netbooks
• Tablet PC
• Telecom/Networking/Datacom
• Set-top box
• Optical Module
• Consumer Electronic




Similar Part No. - NPS3005

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NPS3005-Q100 NEXPERIA-NPS3005-Q100 Datasheet
2Mb / 21P
0.5 V to 5.5 V, 6 A, 15 mΩ, single channel load switch with soft start
Rev. 1 10 June 2025
NPS3005GP-Q100 NEXPERIA-NPS3005GP-Q100 Datasheet
2Mb / 21P
0.5 V to 5.5 V, 6 A, 15 mΩ, single channel load switch with soft start
Rev. 1 10 June 2025
NPS3005GP-Q100Z NEXPERIA-NPS3005GP-Q100Z Datasheet
2Mb / 21P
0.5 V to 5.5 V, 6 A, 15 mΩ, single channel load switch with soft start
Rev. 1 10 June 2025
More results


Similar Description - NPS3005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
logo
Vishay Siliconix
SIP32448 VISHAY-SIP32448 Datasheet
483Kb / 12P
1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance
24-Aug-15
logo
Texas Instruments
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS7H2221-SEP TI-TPS7H2221-SEP Datasheet
1Mb / 26P
TPS7H2221-SEP Radiation Tolerant 5.5-V, 1.25-A, 115-mΩ Load Switch
AUGUST 2022
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS7H2221-SEP TI-TPS7H2221-SEP_V01 Datasheet
1Mb / 29P
TPS7H2221-SEP Radiation Tolerant 5.5-V, 1.25-A, 115-mΩ Load Switch
REVISED OCTOBER 2022
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
logo
Renesas Technology Corp
SLG59M1735C RENESAS-SLG59M1735C Datasheet
1Mb / 19P
A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
4-Feb-2022
logo
Texas Instruments
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com