Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NXU0104 Datasheet (PDF) - Nexperia B.V. All rights reserved

NXU0104 Datasheet PDF - Nexperia B.V. All rights reserved
Part # NXU0104
Download  NXU0104 Download
File Size   560.18 Kbytes
Page   30 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-bit dual-supply voltage level translating buffer; 3-state

NXU0104 Datasheet (PDF)

Go To PDF Page Download Datasheet
NXU0104 Datasheet PDF - Nexperia B.V. All rights reserved

Part # NXU0104
Download  NXU0104 Click to download

File Size   560.18 Kbytes
Page   30 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-bit dual-supply voltage level translating buffer; 3-state

NXU0104 Datasheet (HTML) - Nexperia B.V. All rights reserved


NXU0104 Product details

1. General description
The NXU0104 is a 4-bit, dual-supply level translating
buffer with 3-state outputs. It features four data inputs
(An), four data outputs (YBn) and an output enable
input (OE).
Both VCCA and VCCB can be supplied at any voltage
between 0.9 V and 5.5 V making the device suitable
for translating between any of the voltage nodes (1.2 V,
1.5 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V).
This device facilitates asynchronous communication
between data buses. Transmit data with a fixed
direction (unidirectionally) from the A bus to the B bus
on four channels. The OE pin can be referenced to
VCCA and VCCB domain and when OE pin is set LOW
the output is disabled and enter a high-impedance
OFF-state which isolates the buses. The OE pin can
be left floating or externally pulled down to ground to
ensure the high-impedance state of the output during
power up or power down.
This device ensures low static and dynamic power
consumption across the entire supply range and is
fully specified for partial power down applications using
IOFF. The IOFF circuitry prevents potentially damaging
backflow current through the device when it is powered
down or if one of the power supplies is disconnected
(floating).
No power supply sequencing is required and output
glitches during power supply transitions are prevented.
As a result, glitches will not appear on the output for
supply transitions during power-up/down.


2. Features and benefits
Wide supply voltage range:
• VCCA: 0.9 V to 5.5 V
• VCCB: 0.9 V to 5.5 V
Low power consumption for supply voltage range
1.1 V to 5.5 V
• 3 μA (Tamb = 25 °C)
• 5 μA (Tamb = -40 °C to +125 °C)
Schmitt-trigger inputs with integrated static high
ohmic pull-down resistor on the input
Maximum data rates:
• 250 Mbps (≥ 1.8 V to 5 V translation)
Output enable (OE) allows connection to VCCA
VCCB domain
Suspend mode when either one of the supply
voltages is below 100 mV or disconnected (floating)
Low noise overshoot and undershoot <10% of
VCCO
IOFF circuitry provides partial power-down mode
operation
Latch-up performance exceeds 100 mA per
JESD78D Class II
Complies with JEDEC standard:
• JESD8-12 (0.9 V to 1.3 V)
• JESD8-11 (1.4 V to 1.6 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD12-6 (4.5 V to 5.5 V)
ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2
exceeds 2500 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3
exceeds 1500 V
Specified from -40 °C to +85 °C and -40 °C to
+125 °C
Similar functions: NXU0204 and NXU0304
3. Applications
General purpose I/O level translation
Noisy environments or slow input signals
Supports push-pull voltage translation as UART,
SPI and JTAG protocols
Consumer




Similar Part No. - NXU0104

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NXU0104-Q100 NEXPERIA-NXU0104-Q100 Datasheet
546Kb / 29P
4-bit dual-supply voltage level translating buffer with Schmitt-trigger; 3-state
Rev. 2 2 December 2024
NXU0104-Q100 NEXPERIA-NXU0104-Q100_V01 Datasheet
542Kb / 29P
4-bit dual-supply voltage level translating buffer; 3-state
Rev. 1 19 August 2024
NXU0104BQ-Q100 NEXPERIA-NXU0104BQ-Q100 Datasheet
546Kb / 29P
4-bit dual-supply voltage level translating buffer with Schmitt-trigger; 3-state
Rev. 2 2 December 2024
NXU0104BQ-Q100 NEXPERIA-NXU0104BQ-Q100 Datasheet
542Kb / 29P
4-bit dual-supply voltage level translating buffer; 3-state
Rev. 1 19 August 2024
NXU0104BQ-Q100X NEXPERIA-NXU0104BQ-Q100X Datasheet
542Kb / 29P
4-bit dual-supply voltage level translating buffer; 3-state
Rev. 1 19 August 2024
More results


Similar Description - NXU0104

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC4T245 NXP-74AVC4T245 Datasheet
142Kb / 25P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
74AVCH4T245 PHILIPS-74AVCH4T245_15 Datasheet
191Kb / 29P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
4-bit dual supply translating transceiver 3-state
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AVC4T3144-Q100 NEXPERIA-74AVC4T3144-Q100 Datasheet
282Kb / 22P
4-bit dual-supply buffer/level translator; 3-state
Rev. 1 - 15 November 2019
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
74AVC4T3144 NEXPERIA-74AVC4T3144 Datasheet
278Kb / 22P
4-bit dual-supply buffer/level translator; 3-state
Rev. 2 - 24 July 2018
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com