Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002-7-F. Datasheet (PDF) - Multicomp Pro

2N7002-7-F. Datasheet PDF - Multicomp Pro
Part # 2N7002-7-F.
Download  2N7002-7-F. Download
File Size   689.75 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Small Signal MOSFET Transistor

2N7002-7-F. Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002-7-F. Datasheet PDF - Multicomp Pro

Part # 2N7002-7-F.
Download  2N7002-7-F. Click to download

File Size   689.75 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Small Signal MOSFET Transistor

2N7002-7-F. Datasheet (HTML) - Multicomp Pro


2N7002-7-F. Product details

[Features]
• High Density Cell Design For Low RDS(ON) SOT-23
• Voltage Controlled Small Switch
• Rugged and Reliable
• High Saturation Current Capability

[Applications]
• N-channel enhancement mode effect transistor
• Switching application.
Maximum Ratings:
Ta = 25°C unless otherwise specified.
Parameter Symbol Value Units
Drain-Source voltage VDSS 60 V
Drain-Gate voltage(RGS ≤1MΩ) VDGR 60 V
Gate -Source voltage - continuous ±20
VGSS V
Non Repetitive (tp <50μs) ±40
Maximum drain current - Continuous 115
ID mA
- Pulsed 800
Power dissipation PD 200 mW
Thermal resistance, junction-to-ambient RθJA 625 °C/W
Junction and storage temperature TJ, TSTG -55 to +150 °C




Similar Part No. - 2N7002-7-F.

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002-7-F DIODES-2N7002-7-F Datasheet
237Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11303 Rev. 19- 2
2N7002-7-F DIODES-2N7002-7-F Datasheet
92Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11303 Rev. 24 - 2
logo
Texas Instruments
2N7002-7-F TI1-2N7002-7-F Datasheet
249Kb / 12P
bq2026 Evaluation Software
logo
Intersil Corporation
2N7002-7-F INTERSIL-2N7002-7-F Datasheet
4Mb / 12P
ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
December 3, 2012
2N7002-7-F INTERSIL-2N7002-7-F Datasheet
2Mb / 9P
ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
December 6, 2012
More results


Similar Description - 2N7002-7-F.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
Galaxy Semi-Conductor H...
2N7002 BILIN-2N7002 Datasheet
226Kb / 4P
Small Signal MOSFET Transistor
Rev.A
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
Small Signal Transistor
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
Small Signal Transistor
logo
Galaxy Semi-Conductor H...
2N7002 BILIN-2N7002_08 Datasheet
220Kb / 4P
Small Signal MOSFET Transistor
2N7002T BILIN-2N7002T Datasheet
189Kb / 4P
Small Signal MOSFET Transistor
logo
MAKO SEMICONDUCTOR CO.,...
2N7002 MAKOSEMI-2N7002 Datasheet
253Kb / 4P
Small Signal MOSFET Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com