Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002-7-F. Datasheet(PDF) 2 Page - Multicomp Pro

Part # 2N7002-7-F.
Description  Small Signal MOSFET Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N7002-7-F. Datasheet(HTML) 2 Page - Multicomp Pro

  2N7002-7-F. Datasheet HTML 1Page - Multicomp Pro 2N7002-7-F. Datasheet HTML 2Page - Multicomp Pro 2N7002-7-F. Datasheet HTML 3Page - Multicomp Pro 2N7002-7-F. Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page <2>
V1.0
11/09/19
Small Signal MOSFET Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Electrical Characteristics:
Ta = 25°C unless otherwise specified.
Typical Characteristics:
Ta=25°C unless otherwise specified.
Parameter
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain-Source breakdown voltage
V(BR)DSS
VGS=0V, ID=10μA
60
V
Gate Threshold voltage
VGS(th)
VDS=VGS, ID=250μA
1
2.1
2.5
Gate-body leakage Forward
Reverse
IGSS
VDS=0V, VGS=20V
VDS=0V, VGS=-20V
100
-100
nA
Zero gate voltage drain current
IDSS
VDS=60V, VGS=0V
1
μA
VDS=60V,VGS=0V,Tj=125°C
500
On-state drain current
ID(On)
VGS=10V, VDS ≥2VDS(ON)
500
2,700
mA
Drain-Source on-voltage
VDS(ON)
VGS=10V, ID=500mA
VGS=5V, ID=50mA
0.6
0.09
3.75
1.5
V
Forward trans conductance
gFS
VDS ≥2VDS(ON), ID=200mA
80
320
mS
Static drain-Source on-resistance
RDS(ON)
VGS=10V, ID=500mA
VGS=10V, ID=500mA, Tj=100°C
VGS=5V, ID=50mA
VGS=5V, ID=50mA, Tj=100°C
1.2
1.7
1.7
2.4
7.5
13.5
7.5
13.5
Ω
Drain-Source diode forward voltage
VSD
VGS=0V, ID=115mA
0.88
1.5
V
Input capacitance
CISS
VDS=25V, VGS=0V, f=1MHz
20
50
pF
Output capacitance
COSS
11
25
Reverse transfer capacitance
CRSS
4
5
Turn-On delay time
tD(ON)
VDD=30V, ID= 0.2A,
RL = 150Ω, VGS= 10V,
RGEN= 25Ω
20
ns
Turn-Off delay time
tD(OFF)
20
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com