Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002-7-F. Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2N7002-7-F.
Description  Small Signal MOSFET Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N7002-7-F. Datasheet(HTML) 1 Page - Multicomp Pro

  2N7002-7-F. Datasheet HTML 1Page - Multicomp Pro 2N7002-7-F. Datasheet HTML 2Page - Multicomp Pro 2N7002-7-F. Datasheet HTML 3Page - Multicomp Pro 2N7002-7-F. Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
11/09/19
Small Signal MOSFET Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Maximum Ratings:
Ta = 25°C unless otherwise specified.
Features:
• High Density Cell Design For Low RDS(ON)
• Voltage Controlled Small Switch
• Rugged and Reliable
• High Saturation Current Capability
Applications:
• N-channel enhancement mode effect transistor
• Switching application.
Parameter
Symbol
Value
Units
Drain-Source voltage
VDSS
60
V
Drain-Gate voltage(RGS ≤1MΩ)
VDGR
60
V
Gate -Source voltage - continuous
Non Repetitive (tp <50μs)
VGSS
±20
±40
V
Maximum drain current - Continuous
- Pulsed
ID
115
800
mA
Power dissipation
PD
200
mW
Thermal resistance, junction-to-ambient
RθJA
625
°C/W
Junction and storage temperature
TJ, TSTG
-55 to +150
°C
SOT-23


Similar Part No. - 2N7002-7-F.

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002-7-F DIODES-2N7002-7-F Datasheet
237Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11303 Rev. 19- 2
2N7002-7-F DIODES-2N7002-7-F Datasheet
92Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11303 Rev. 24 - 2
logo
Texas Instruments
2N7002-7-F TI1-2N7002-7-F Datasheet
249Kb / 12P
bq2026 Evaluation Software
logo
Intersil Corporation
2N7002-7-F INTERSIL-2N7002-7-F Datasheet
4Mb / 12P
ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
December 3, 2012
2N7002-7-F INTERSIL-2N7002-7-F Datasheet
2Mb / 9P
ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
December 6, 2012
More results

Similar Description - 2N7002-7-F.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
Galaxy Semi-Conductor H...
2N7002 BILIN-2N7002 Datasheet
226Kb / 4P
Small Signal MOSFET Transistor
Rev.A
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
Small Signal Transistor
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
Small Signal Transistor
logo
Galaxy Semi-Conductor H...
2N7002 BILIN-2N7002_08 Datasheet
220Kb / 4P
Small Signal MOSFET Transistor
2N7002T BILIN-2N7002T Datasheet
189Kb / 4P
Small Signal MOSFET Transistor
logo
MAKO SEMICONDUCTOR CO.,...
2N7002 MAKOSEMI-2N7002 Datasheet
253Kb / 4P
Small Signal MOSFET Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com