Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2959 Datasheet (PDF) - Analog Devices

LTC2959 Datasheet PDF - Analog Devices
Part # LTC2959
Download  LTC2959 Download
File Size   842.25 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low Power Battery Gas Gauge

LTC2959 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2959 Datasheet PDF - Analog Devices

Part # LTC2959
Download  LTC2959 Click to download

File Size   842.25 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low Power Battery Gas Gauge

LTC2959 Datasheet (HTML) - Analog Devices


LTC2959 Product details

FEATURES
Operating Supply Current <1.0μA
Supply Voltage from 1.8V to 60V
0V to 60V Sense Voltage for Low-Side or High-Side
Sensing
Fast 16-bit ADC Measures Voltage, Current and
Temperature
1% Voltage, Current and Charge Accuracy
No Crystal or other Time Reference Required
Programmable Deadband Prevents Charge Drift
Includes Battery Voltage Watchdog
Includes Precisio Temperature Sensor
Programmable Alerts and Min/Max Tracking
Registers
Auxiliary ADC Input for Sensor Readout
I2C/SMBus Interface
Available i Small 10-Lead 3mm × 2mm DFN
Package




Similar Part No. - LTC2959

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC2959 AD-LTC2959 Datasheet
714Kb / 18P
Ultra-Low Power Battery Gas Gauge
Rev. 0
LTC2959IDDBPBF AD-LTC2959IDDBPBF Datasheet
714Kb / 18P
Ultra-Low Power Battery Gas Gauge
Rev. 0
More results


Similar Description - LTC2959

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
Coulomb Counter/ Battery Gas Gauge
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
Battery Gas Gauge with I2C Interface
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
Smart Li-Ion Battery Gas Gauge
SS4005G SSC-SS4005G Datasheet
891Kb / 22P
Smart Battery Gas Gauge for e-Bike
logo
Linear Technology
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
Single Cell Li-Ion Battery Gas Gauge
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
Multi-Chemistry CEDV Battery Gas Gauge
logo
Analog Devices
LTC2959 AD-LTC2959 Datasheet
714Kb / 18P
Ultra-Low Power Battery Gas Gauge
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com