Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2959 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2959
Description  Ultra-Low Power Battery Gas Gauge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2959 Datasheet(HTML) 4 Page - Analog Devices

  LTC2959 Datasheet HTML 1Page - Analog Devices LTC2959 Datasheet HTML 2Page - Analog Devices LTC2959 Datasheet HTML 3Page - Analog Devices LTC2959 Datasheet HTML 4Page - Analog Devices LTC2959 Datasheet HTML 5Page - Analog Devices LTC2959 Datasheet HTML 6Page - Analog Devices LTC2959 Datasheet HTML 7Page - Analog Devices LTC2959 Datasheet HTML 8Page - Analog Devices LTC2959 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LTC2959
4
Rev. A
For more information LTC2959
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive, all voltages are referenced to
GND unless otherwise specified.
Note 3: Average current flowing into the VDD pin. The coulomb counter
supply current is a function of the voltage between its inputs. The ADC
supply current depends on the channel that is being measured. During
ADC conversions that measure the voltage on VSENSEN (ADC voltage mode
For more information on lead free part marking, go to: http://www.adi.com/leadfree/
For more information on tape and reel specifications, go to: http://www.adi.com/tapeandreel/
and register B[2] to ‘1’), current flows into SENSEN. Typically, during such
conversions, ISENSEN = VSENSEN/400kΩ.
Note 4: The coulomb counter measures static signals as well as dynamic
inputs (current pulses). It may take several short pulses to increment/
decrement the ACR.
Note 5: The equivalent charge of an LSB in the accumulated charge
register depends on the value of RSENSE: QLSB = 533nAh • (50mΩ/RSENSE).
Note 7: CB = Capacitance of one bus line in pF (10pF ≤ CB ≤ 400pF).
Note 8: Guaranteed by design, not subject to test.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I2C Timing Characteristics
fSCL(MAX)
Maximum SCL Clock Frequency
l
400
900
kHz
tBUF(MIN)
Bus Free Time Between STOP/START
l
1.3
µs
tSU,STA(MIN) Minimum Repeated START Set-Up
Time
l
600
ns
tHD,STA(MIN) Minimum Hold Time (Repeated)
START Condition
l
600
ns
tSU,STO(MIN) Minimum Set-Up Time for STOP
Condition
600
ns
ttSU,DAT(MIN) Minimum Data Set-Up Time Input
l
100
ns
tHD,DATI(MIN) Minimum Data Hold Time Input
l
50
ns
tHD,DATO
Data Hold Time Output
l
0.3
0.9
µs
tOF
Data Output Fall Time
(Notes 7,8)
l
20 + 0.1 • CB
300
ns
Timeout
Max Time between Last SCL Clock
Edge and SDA Release
51.2
ms
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com