Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2959 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC2959
Description  Ultra-Low Power Battery Gas Gauge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2959 Datasheet(HTML) 2 Page - Analog Devices

  LTC2959 Datasheet HTML 1Page - Analog Devices LTC2959 Datasheet HTML 2Page - Analog Devices LTC2959 Datasheet HTML 3Page - Analog Devices LTC2959 Datasheet HTML 4Page - Analog Devices LTC2959 Datasheet HTML 5Page - Analog Devices LTC2959 Datasheet HTML 6Page - Analog Devices LTC2959 Datasheet HTML 7Page - Analog Devices LTC2959 Datasheet HTML 8Page - Analog Devices LTC2959 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LTC2959
2
Rev. A
For more information LTC2959
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD – GND)........................ –0.3 to 65V
CM Sensing Voltage (SENSEP, SENSEN) ..... –0.3 to 65V
DM Sensing Voltage |SENSEP – SENSEN| ...............0.3V
SCL, SDA, GPIO Voltage ................................ –0.3 to 6V
Operating Ambient Temperature Range
LTC2959I .................................................–40 to 85°C
Storage Temperature Range ......................–65 to 150°C
(Note 1)
TOP VIEW
11
DDB PACKAGE
10-LEAD (3mm × 2mm) PLASTIC DFN
TJMAX = 125°C θJA = 43°C/W
VDD
SENSEP
CFP
CFN
SENSEN
GND
VREG
GPIO
SDA
SCL
6
8
7
9
10
5
4
2
3
1
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL (MINI)
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2959IDDB#TRPBF
LTC2959IDDB#TRMPBF
LHGK
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Contact the factory for parts specified with wider operating temperature ranges.
Contact the factory for information on lead based finish parts.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Requirements
VDD
Supply Voltage
l
1.8
60
V
ISUPPLY
Supply Current (Note 3)
Coulomb Counter On, ADC Off, |VSENSE| < 1mV
Coulomb Counter On, ADC Off, |VSENSE| > 1mV
Coulomb Counter On, ADC On
Coulomb Counter Not Counting, ADC Off
l
l
l
0.8
1
400
2
8
800
2
µA
µA
µA
µA
RSENSEN
Resistance between SENSEN and GND When Voltage ADC Measures SENSEN
Otherwise
400
1
kΩ
GΩ
VUVLO
Undervoltage Lockout Threshold
VDD Falling
l
1.35
1.45
1.55
V
tSTARTUP
Startup Time
Fast Ramp Raises VDD Above 1.8V
8
ms
Coulomb Counter
VSENSE
Sense Voltage Differential Input Range VSENSEP – VSENSEN
l
±50
mV
TCE
Total Charge Error (Note 4)
10mV ≤ |VSENSE| ≤ 50mV Continuously
1mV ≤ |VSENSE| ≤ 10mV Continuously
10mV ≤ |VSENSE| ≤ 50mV Pulses with
tPULSE > 1ms
l
l
0.1
0.2
1
±1
±2
%
%
%
VOS
Offset Voltage
l
±1
±10
µV
RIDR
Differential Input Resistance Across
SENSEP and SENSEN
800
kΩ
QLSB
Charge LSB (Note 5)
RSENSE = 50mΩ
533
nAh
EDB
Deadband Inaccuracy
Deadband = 20µV
±10
%
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com