Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3542 Datasheet (PDF) - Analog Devices

LTC3542 Datasheet PDF - Analog Devices
Part # LTC3542
Download  LTC3542 Download
File Size   203.9 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500mA, 2.25MHz Synchronous Step-Down Synchronous Step-Down

LTC3542 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3542 Datasheet PDF - Analog Devices

Part # LTC3542
Download  LTC3542 Click to download

File Size   203.9 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500mA, 2.25MHz Synchronous Step-Down Synchronous Step-Down

LTC3542 Datasheet (HTML) - Analog Devices


LTC3542 Product details

FEATURES
■ High Effi ciency: Up to 96%
■ High Peak Switch Current: 1000mA
■ Low Output Ripple (<20mVP-P Typical)
Burst Mode Operation: Only 26μA
■ Very Low Quiescent Current: Only 26μA
■ 2.5V to 5.5V Input Voltage Range
■ 2.25MHz Constant Frequency Operation
■ 1MHz to 3MHz External Frequency Synchronization
■ Low Dropout Operation: 100% Duty Cycle
■ No Schottky Diode Required
■ Internal Soft-Start Limits Inrush Current
■ 0.6V Reference Allows Low Output Voltages
■ Shutdown Mode Draws <1μA Supply Current
■ ±2% Output Voltage Accuracy
■ Current Mode Operation for Excellent Line and Load
Transient Response
■ Overtemperature Protected
■ Available in 6-Lead 2mm × 2mm DFN and Small TSOT




Similar Part No. - LTC3542

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Linear Integrated Syste...
LTC3542 LINEAR-LTC3542 Datasheet
199Kb / 16P
500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
222Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1 Datasheet
232Kb / 16P
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
More results


Similar Description - LTC3542

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
2.25MHz 1A Synchronous Step-Down Converter
RT8057A RICHTEK-RT8057A Datasheet
283Kb / 12P
2.25MHz 1A Synchronous Step-Down Converter
logo
Linear Technology
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
2.25MHz, 300mA Synchronous Step-Down
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com