Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3542 Datasheet (PDF) - Linear Integrated Systems

LTC3542 Datasheet PDF - Linear Integrated Systems
Part # LTC3542
Download  LTC3542 Download
File Size   199.33 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 500mA, 2.25MHz Synchronous Step-Down

LTC3542 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3542 Datasheet PDF - Linear Integrated Systems

Part # LTC3542
Download  LTC3542 Click to download

File Size   199.33 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 500mA, 2.25MHz Synchronous Step-Down

LTC3542 Datasheet (HTML) - Linear Integrated Systems


LTC3542 Product details

DESCRIPTION
The LTC®3542 is a high efficiency monolithic synchronous buck converter using a constant frequency, current mode architecture. Supply current during operation is only 26μA, dropping to <1μA in shutdown. The 2.5V to 5.5V input voltage range makes the LTC3542 ideally suited for single Li-Ion battery-powered applications. 100% duty cycle provides low dropout operation, extending battery life in portable systems. The output voltage is adjustable from 0.6V to VIN. Internal power switches are optimized to provide high efficiency and eliminate the need for an external Schottky diode.

FEATURES
■ High Efficiency: Up to 96%
■ High Peak Switch Current: 1000mA
■ Low Output Ripple (<20mVP-P Typical)
   Burst Mode Operation: Only 26μA
■ Very Low Quiescent Current: Only 26μA
■ 2.5V to 5.5V Input Voltage Range
■ 2.25MHz Constant Frequency Operation
■ 1MHz to 3MHz External Frequency Synchronization
■ Low Dropout Operation: 100% Duty Cycle
■ No Schottky Diode Required
■ Internal Soft-Start Limits Inrush Current
■ 0.6V Reference Allows Low Output Voltages
■ Shutdown Mode Draws <1μA Supply Current
■ ±2% Output Voltage Accuracy
■ Current Mode Operation for Excellent Line and Load
   Transient Response
■ Overtemperature Protected
■ Available in 6-Lead 2mm × 2mm DFN and Small TSOT

APPLICATIONS
■ Cellular Telephones
■ Wireless and DSL Modems
■ Digital Cameras
■ MP3 Players
■ PDAs and Other Handheld Devices




Similar Part No. - LTC3542

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542 Datasheet
222Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1 Datasheet
232Kb / 16P
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
More results


Similar Description - LTC3542

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3545 LINER-LTC3545 Datasheet
291Kb / 20P
Triple 800mA Synchronous Step-Down Regulator-2.25MHz
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
2.25MHz 1A Synchronous Step-Down Converter
RT8057A RICHTEK-RT8057A Datasheet
283Kb / 12P
2.25MHz 1A Synchronous Step-Down Converter
logo
Linear Technology
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
2.25MHz, 300mA Synchronous Step-Down
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com