Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8961AF Datasheet (PDF) - NXP Semiconductors

FXLS8961AF Datasheet PDF - NXP Semiconductors
Part # FXLS8961AF
Download  FXLS8961AF Download
File Size   2233.04 Kbytes
Page   101 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description null3-Axis Low-g Accelerometer

FXLS8961AF Datasheet (PDF)

Go To PDF Page Download Datasheet
FXLS8961AF Datasheet PDF - NXP Semiconductors

Part # FXLS8961AF
Download  FXLS8961AF Click to download

File Size   2233.04 Kbytes
Page   101 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description null3-Axis Low-g Accelerometer

FXLS8961AF Datasheet (HTML) - NXP Semiconductors


FXLS8961AF Product details

1 General description
FXLS8961AF is a compact 3-axis MEMS accelerometer designed for use in a wide range of automotive
security and convenience applications that require ultra-low-power wake-up on motion as well as good
performance over temperature. The part supports both high-performance and low-power operating modes,
allowing maximum flexibility to meet the resolution and power needs for various unique use cases. A number
of advanced, integrated digital features enable designers to reduce the overall system power consumption and
simplify host data collection.
FXLS8961AF is available in a 3 mm x 3 mm x 1.25 mm 12-pin QFN package with 0.65 mm pitch and wettable
flanks. The device is qualified to AEC-Q100 and operates over the extended –40 °C to +105 °C temperature
range. The combination of sensor performance, system power-saving features, and extended over-temperaturerange
performance makes FXLS8961AF an ideal accelerometer for automotive security and convenience
applications.
2 Features and benefits
• ±2/4/8/16 g user-selectable, full-scale measurement ranges
• 12-bit acceleration data
• 8-bit temperature sensor data
• Low noise: 230 μg/√Hz typical in high performance mode
• Low-power capability:
– ≤ 2 μA IDD for ODRs up to 6.25 Hz
– < 4 μA IDD for ODRs up to 50 Hz
• Post-board mount zero-g Offset and TCO performance of ±30 mg (typ) and ±0.25 mg/°C (typ), respectively
• Selectable ODRs from 0.78 to 3200 Hz in both low power and high performance modes
• Flexible performance mode allowing custom ODRs with programmable decimation (resolution) and idle-time
settings
• 144 byte output data buffer (FIFO/LIFO) capable of storing up to 32 12-bit X/Y/Z data triplets
• Flexible Sensor Data Change Detection (SDCD) function for realizing motion or no motion, high-g/low-g,
freefall, and other inertial events
• Autonomous orientation detection function (Portrait/Landscape/Up/Down)
• Self-governed low-power motion-detection mode with one wire interface option
• 12-bit vector magnitude calculation
• Trigger input for synchronizing data collection with an external system
• I2C interface frequencies up to 1 MHz; 3- and 4-wire SPI interface with clock frequencies up to 4 MHz
• Bidirectional, robust self-test diagnostic: Device motion or orientation does not impact the result.
3 Applications
3.1 Automotive security and convenience
• Infotainment
• Telematics (T-Box)
• Car alarm
• Inclinometer
• Door checker
• SmartLock




Similar Part No. - FXLS8961AF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXLS8962AF NXP-FXLS8962AF Datasheet
6Mb / 9P
sensor toolbox development kit
24 March 2021
FXLS8964AF NXP-FXLS8964AF Datasheet
2Mb / 98P
3-Axis Low-g Accelerometer
FXLS8964AF NXP-FXLS8964AF Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
FXLS8964AFR1 NXP-FXLS8964AFR1 Datasheet
2Mb / 98P
3-Axis Low-g Accelerometer
FXLS8964AFR3 NXP-FXLS8964AFR3 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
More results


Similar Description - FXLS8961AF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7455L FREESCALE-MMA7455L Datasheet
536Kb / 27P
Three Axis Low-g Digital Output Accelerometer
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
짹1.5g Three Axis Low-g Micromachined Accelerometer
D3172MMA7361LC FREESCALE-D3172MMA7361LC Datasheet
463Kb / 35P
Three Axis Low-g Digital Output Accelerometer
MMA7368LT FREESCALE-MMA7368LT Datasheet
164Kb / 11P
,-1.5g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
FXLS8964AF NXP-FXLS8964AF Datasheet
2Mb / 98P
3-Axis Low-g Accelerometer
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8974CF NXP-FXLS8974CF Datasheet
1Mb / 96P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8964AF NXP-FXLS8964AF_V01 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
FXLS8967AF NXP-FXLS8967AF_V01 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1.3 - 22 October 2021
FXLS8974CF NXP-FXLS8974CF_V01 Datasheet
1Mb / 96P
3-Axis Low-g Accelerometer
Rev. 1.5 - 11 March 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com