Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8961AF Datasheet(PDF) 9 Page - NXP Semiconductors

Part # FXLS8961AF
Description  null3-Axis Low-g Accelerometer
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8961AF Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button FXLS8961AF Datasheet HTML 5Page - NXP Semiconductors FXLS8961AF Datasheet HTML 6Page - NXP Semiconductors FXLS8961AF Datasheet HTML 7Page - NXP Semiconductors FXLS8961AF Datasheet HTML 8Page - NXP Semiconductors FXLS8961AF Datasheet HTML 9Page - NXP Semiconductors FXLS8961AF Datasheet HTML 10Page - NXP Semiconductors FXLS8961AF Datasheet HTML 11Page - NXP Semiconductors FXLS8961AF Datasheet HTML 12Page - NXP Semiconductors FXLS8961AF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 101 page
background image
NXP Semiconductors
FXLS8961AF
3-Axis Low-g Accelerometer
VDD = 1.8 V to 3.0 V, T = –40 °C to 105 °C, unless otherwise noted.
Typical values represent mean or mean ±1 σ values, depending on the specific parameter.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BWMAX
Maximum signal bandwidth
ODR = 3200 Hz
—
1600
—
Hz
ODRMAX
Maximum ODR
—
—
3200
—
Hz
XY axes
—
217
—
NSDHPM
Noise Spectral Density, High
Performance Mode, FSR ≤ ±4 g, 25
Hz ≤ ODR ≤ 3200 Hz
Z axis
—
257
—
µg/
⎷Hz
XY axes
—
7.8
—
NRMSLPM
Noise RMS, Low-Power Mode, FSR
≤ ±4 g, all ODR ranges[5]
Z axis
—
9.4
—
mg
Table 7. Accelerometer sensor performance parameters...continued
[1]
Determined with post board mount data using a standard lead-free reflow profile and NXP recommended landing pattern on a 10-layer FR4 PCB with 1.6
mm (63 mil) overall thickness.
[2]
Based on characterization data on limited number of parts from 3 lots. Limits provided with 5 sigma margin and 99% confidence level.
[3]
See Cross-axis sensitivity in Section 20 "Glossary".
[4]
See Self-Test in Section 20 "Glossary"
[5]
In low-power mode, higher ODR settings result in a lower noise density figure.
9.1 Typical performance
Device typical performance characteristics are illustrated in the charts shown in Figure 4, Figure 5, and
Figure 6. They represent post-board mount measurements on a three lot sample set.
Offset drift is computed from the 25 °C room temperature offset.
Similarly, offset and sensitivity temperature coefficients (resp. TCO and TCS) are computed with the 105 °C
data or 40 °C data compared to the 25 °C data. They are referred to as TCO or TCS “Hot” (25 °C to 105 °C) and
“Cold” (–40 °C to 25 °C).
FXLS8961AF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
9 / 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com