Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8961AF Datasheet(PDF) 87 Page - NXP Semiconductors

Part # FXLS8961AF
Description  null3-Axis Low-g Accelerometer
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8961AF Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button FXLS8961AF Datasheet HTML 83Page - NXP Semiconductors FXLS8961AF Datasheet HTML 84Page - NXP Semiconductors FXLS8961AF Datasheet HTML 85Page - NXP Semiconductors FXLS8961AF Datasheet HTML 86Page - NXP Semiconductors FXLS8961AF Datasheet HTML 87Page - NXP Semiconductors FXLS8961AF Datasheet HTML 88Page - NXP Semiconductors FXLS8961AF Datasheet HTML 89Page - NXP Semiconductors FXLS8961AF Datasheet HTML 90Page - NXP Semiconductors FXLS8961AF Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 101 page
background image
NXP Semiconductors
FXLS8961AF
3-Axis Low-g Accelerometer
18 Soldering information
18.1 Printed circuit board layout and device mounting
Printed circuit board (PCB) layout and device mounting are critical to the overall performance of the design.
The footprint for the surface mount packages must be the correct size as a base for a proper solder connection
between the PCB and the package. The correct size of the surface mount package footprint, along with the
recommended soldering materials and techniques, optimize assembly and minimize the stress on the package
after board mounting.
NXP application note AN1902[1] discusses the QFN package used by the FXLS8961AF.
18.1.1 Overview of soldering considerations
The information provided here is based on experiments executed on QFN devices. They do not represent exact
conditions present at a customer site. Therefore, information herein should be used as guidance only, and
process and design optimizations are recommended to develop an application-specific solution. It should be
noted that with the proper PCB footprint and solder stencil designs, the package self-aligns during the solder
reflow process.
18.1.2 Halogen content
This package is Halogen free, exceeding most industry and customer standards. Halogen Free means that no
homogeneous material within the assembly package shall contain chlorine (Cl) in excess of 700 ppm or 0.07 %
weight/weight or bromine (Br) in excess of 900 ppm or 0.09 % weight/weight.
19 Mounting information
19.1 PCB mounting recommendations
• No additional via, copper layer, solder mask, metal pattern underneath package on the mounted layer of the
PCB.
• Do not place any components or vias within 2 mm of the package land area as it may cause additional
package stress if placed too close to the package land area.
• Signal traces connected to pads should be as symmetric as possible. To have the same length of exposed
trace for all pads, put dummy traces on NC pads .
• Use a standard pick-and-place process and equipment. Do not use a hand soldering process.
• Customers are advised to be cautious about the proximity of screw-down holes to the sensor, and the location
of any press fit to the assembled PCB when in an enclosure. It is important that the assembled PCB remain
flat after assembly to keep electronic operation of the device optimal.
• The PCB should be rated for the multiple lead-free reflow condition with a maximum 260 °C temperature.
• NXP sensors are compliant with Restrictions on Hazardous Substances (RoHS), having halide-free molding
compound (green) and lead-free terminations. These terminations are compatible with tin-lead (Sn-Pb) as
well as tin-silver-copper (Sn-Ag-Cu) solder paste soldering processes. Reflow profiles applicable to those
processes can be used successfully for soldering the devices.
FXLS8961AF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
87 / 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com