Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8961AF Datasheet(PDF) 20 Page - NXP Semiconductors

Part # FXLS8961AF
Description  null3-Axis Low-g Accelerometer
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8961AF Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button FXLS8961AF Datasheet HTML 16Page - NXP Semiconductors FXLS8961AF Datasheet HTML 17Page - NXP Semiconductors FXLS8961AF Datasheet HTML 18Page - NXP Semiconductors FXLS8961AF Datasheet HTML 19Page - NXP Semiconductors FXLS8961AF Datasheet HTML 20Page - NXP Semiconductors FXLS8961AF Datasheet HTML 21Page - NXP Semiconductors FXLS8961AF Datasheet HTML 22Page - NXP Semiconductors FXLS8961AF Datasheet HTML 23Page - NXP Semiconductors FXLS8961AF Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 101 page
background image
NXP Semiconductors
FXLS8961AF
3-Axis Low-g Accelerometer
writes are completed in additional multiples of 8 SCLK cycles per read or written byte. The first SCLK cycle
latches the R/W (Read/Write) bit to select whether the desired operation is a read (R/W = 1) or a write (R/W =
0). The following seven SCLK cycles are used to latch the register read or write address.
Note: 4-wire SPI interface mode is the default out of POR or after a soft reset. In order to select 3-wire SPI
interface mode, set the
SENS_CONFIG1[SPI_M] = 1.
13.2 SPI write operations with 3- or 4-wire mode
A write operation is initiated by transmitting a 0 for the R/W bit. Then, the 7-bit register write address, A[6:0], is
transmitted in MSB first order. Following this first byte, a second byte of 0s or 1s (don't care condition) transfers,
followed by the actual data to write in the third group of 8 SCLK cycles (clock pulses 17 through 24) in MSB first
order. Figure 9 shows the bus protocol for a single-byte register write operation in either 3- or 4-wire SPI mode.
aaa-040838
A6 A5 A4 A3 A2
R/W
A1 A0
X
High-Impedance
SPI_MISO
SPI_MOSI
SCLK
SPI_CS_B
X
X
X
X
X
X
X
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
D7 D6 D5 D4 D3 D2 D1 D0 X
Figure 9.  SPI single-byte write protocol diagram (3- or 4-wire mode), R/W = 0
Multiple-byte write operations are performed similarly to the single-byte write sequence, but with additional
data bytes transferred over additional 8 SCLK cycle periods. FXLS8961AF auto-increments the register write
address so that every eighth clock edge latches the address for the next register write address. When the
desired number of bytes has been written, a rising edge on the SPI_CS_B pin terminates the transaction.
Figure 10 shows the bus protocol for multiple-byte register write operations in either 3- or 4-wire SPI mode.
aaa-040839
High-Impedance
SPI_MISO
SPI_MOSI
SCLK
SPI_CS_B
A6
1
2
3
4
5
6
7
8
9
10 11
12 13
14
15 16
17
18
19 20
21 22
23 24 25 26
27 28 29 30
31
32
A5 A4 A3 A2
R/W
A1 A0
X
X
X
X
X
X
X
X
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
X
Figure 10. SPI multiple-byte write protocol diagram (3- or 4-wire mode), R/W = 0
13.3 SPI read operations with 4-wire mode
A register read operation is initiated by transmitting a 1 for the R/W bit. Then, the 7-bit register read address,
A[6:0] is encoded in the first byte. Following this first byte, a second byte of 0s or 1s (don't care condition)
transfers. After this transfer completes, the next 8 SCLK cycles (pulses 17 through 24) output the selected
register content on the SPI_MISO line in MSB first order. Figure 11 shows the bus protocol for a single-byte
read operation.
FXLS8961AF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
20 / 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com