Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8961AF Datasheet(PDF) 82 Page - NXP Semiconductors

Part # FXLS8961AF
Description  null3-Axis Low-g Accelerometer
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8961AF Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button FXLS8961AF Datasheet HTML 78Page - NXP Semiconductors FXLS8961AF Datasheet HTML 79Page - NXP Semiconductors FXLS8961AF Datasheet HTML 80Page - NXP Semiconductors FXLS8961AF Datasheet HTML 81Page - NXP Semiconductors FXLS8961AF Datasheet HTML 82Page - NXP Semiconductors FXLS8961AF Datasheet HTML 83Page - NXP Semiconductors FXLS8961AF Datasheet HTML 84Page - NXP Semiconductors FXLS8961AF Datasheet HTML 85Page - NXP Semiconductors FXLS8961AF Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 101 page
background image
NXP Semiconductors
FXLS8961AF
3-Axis Low-g Accelerometer
• The external trigger function can be used to trigger a single shot measurement of the XYZ acceleration and
temperature data. This mode is useful for synchronizing measurements with an external system or for creating
user-specific ODRs. The measurement is triggered on the rising edge of the EXT_TRIG signal.
• Resistors R1 and R2 are not needed if the interrupt output driver type is configured for push-pull operation
(default). A suggested range for open-drain configuration is 10 kΩ to 100 kΩ.
• If the INT1 pin, INT2 pin, or both pins are not used in the application, leave the unused pins unconnected.
• The SPI_CS_B pin also serves as a signal to wake the device from Hibernate mode.
• See Section 13.2 and Section 13.4 for more details on 3-wire SPI mode.
C1
0.1 µF
R1
R2 (optional)
(optional)
1
2
3
4
5
10
9
7
8
6
VDD
VDD
VDD
BT_MODE
GND
INTF_SEL
SPI_CS_B/WAKE_UP
INT1/MOT_DET
INT2/EXT_TRIG/BOOT_OUT
MOT_DET
BOOT_OUT
SA0/SPI_MISO
SDA/SPI_MOSI/SPI_DATA
SCL/SCLK
C2
1.0 µF
aaa-053944
11
12
n.c.
n.c.
Figure 26. Typical Application Circuit #5 – Motion detection mode (no serial interface)
aaa-053945
C1
0.1 µF
R1
R2 (optional)
(optional)
1
2
3
4
5
10
11
12
9
7
8
6
VDD
VDD
VDD
BT_MODE
GND
INTF_SEL
INT1/MOT_DET
SPI_CS_B/WAKE_UP
INT2/EXT_TRIG/BOOT_OUT
MOT_DET
SPI_CS_B/WAKE_UP
BOOT_OUT
DNC
SDA/SPI_MOSI/SPI_DATA
SCL/SCLK
SPI_DATA
SCLK
C2
1.0 µF
n.c.
n.c.
Figure 27. Typical Application Circuit #6 - Motion detection mode (with SPI 3-wire interface, software enabled)
Notes:
• External resistor R2 is not needed if the BOOT_OUT and MOT_DET pins are tied together (wired AND
configuration).
• A suggested pull-up resistance range is 1 MΩ to 2.5 MΩ for both R1 and R2 to minimize the power dissipated
in the resistor when the line is pulsed low. When BT_MODE is set to VDD (enabling motion detection mode),
both the MOT_DET and BOOT_OUT pins become open-drain output driver types. MOT_DET also functions
as a CMOS input and is used by the host system to power-manage FXLS8961AF.
• When BT_MODE = VDD, the default motion detection parameters are automatically loaded into the device
after a POR/BOR event occurs; no configuration via I2C or SPI is needed if the default parameters are used in
the application.
• See Section 13.2 and Section 13.4 for more details on 3-wire SPI mode. In motion detection mode with
BT_MODE=VDD, use of HPM or FPM mode is not advised. Only the default LPM mode should be used.
FXLS8961AF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
82 / 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com