Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet (PDF) - STMicroelectronics

ST10F268 Datasheet PDF - STMicroelectronics
Part # ST10F268
Download  ST10F268 Download
File Size   897.06 Kbytes
Page   74 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM

ST10F268 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST10F268 Datasheet PDF - STMicroelectronics

Part # ST10F268
Download  ST10F268 Click to download

File Size   897.06 Kbytes
Page   74 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM

ST10F268 Datasheet (HTML) - STMicroelectronics


ST10F268 Product details

INTRODUCTION
The ST10F168 is a derivative of the STMicroelectronics 16-bit single-chip CMOS microcontrollers. It combines high CPU performance (up to 12.5 million instructions per second) with high peripheral functionality and enhanced I/O capabilities. It also provides on-chip high-speed Flash memory, on-chip high-speed RAM, and clock generation via PLL.

■ HIGH PERFORMANCE CPU
    – 16-BIT CPU WITH 4-STAGE PIPELINE
    – 80ns INSTRUCTION CYCLE TIME AT 25MHz CPU CLOCK
    – 400ns 16 X 16-BIT MULTIPLICATION
    – 800ns 32 / 16-BIT DIVISION
    – ENHANCED BOOLEAN BIT MANIPULATION FACILITIES
    – ADDITIONAL INSTRUCTIONS TO SUPPORT HLL AND OPERATING SYSTEMS
    – SINGLE-CYCLE CONTEXT SWITCHING SUPPORT
■ MEMORY ORGANIZATION
    – 256K BYTE ON-CHIP FLASH MEMORY
    – 10K ERASING / PROGRAMMING CYCLES
    – UP TO 16M BYTE LINEAR ADDRESS SPACE FOR CODE AND DATA (5M BYTE WITH CAN)
    – 2K BYTE ON-CHIP INTERNAL RAM (IRAM)
    – 6K BYTE ON-CHIP EXTENSION RAM (XRAM)
    – 20 YEAR DATA RETENTION TIME
■ FAST AND FLEXIBLE BUS
    – PROGRAMMABLE EXTERNAL BUS CHARACTE- RISTICS FOR DIFFERENT ADDRESS RANGES
    – 8-BIT OR 16-BIT EXTERNAL DATA BUS
    – MULTIPLEXED OR DEMULTIPLEXED EXTERNAL ADDRESS / DATA BUSES
    – FIVE PROGRAMMABLE CHIP-SELECT SIGNALS
    – HOLD-ACKNOWLEDGE BUS ARBITRATION SUPPORT
■ INTERRUPT
    – 8-CHANNEL PERIPHERAL EVENT CONTROLLER FOR SINGLE CYCLE, INTERRUPT DRIVEN DATA TRANSFER
    – 16-PRIORITY-LEVEL INTERRUPT SYSTEM WITH 56 SOURCES, SAMPLE-RATE DOWN TO 40ns
■ TIMERS
    – TWO MULTI-FUNCTIONAL GENERAL PURPOSE TIMER UNITS WITH 5 TIMERS
    – TWO 16-CHANNEL CAPTURE / COMPARE UNITS.
■ 4-CHANNEL PWM UNIT
■ SERIAL CHANNELS
    – SYNCHRONOUS / ASYNCHRONOUS SERIAL CHANNEL
    – HIGH-SPEED SYNCHRONOUS CHANNEL
■ A/D CONVERTER
    – 16-CHANNEL 10-BIT
    – 7.76µS CONVERSION TIME
■ FAIL-SAFE PROTECTION
    – PROGRAMMABLE WATCHDOG TIMER
    – OSCILLATOR WATCHDOG
■ ON-CHIP CAN 2.0B INTERFACE
■ ON-CHIP BOOTSTRAP LOADER
■ CLOCK GENERATION
    – ON-CHIP PLL
    – DIRECT OR PRESCALED CLOCK INPUT.
■ UP TO 111 GENERAL PURPOSE I/O LINES
    – INDIVIDUALLY PROGRAMMABLE AS INPUT, OUTPUT OR SPECIAL FUNCTION.
    – PROGRAMMABLE THRESHOLD (HYSTERESIS)
■ IDLE AND POWER DOWN MODES
■ SINGLE VOLTAGE SUPPLY: 5V ±10%
■ 144-PIN PQFP PACKAGE




Similar Part No. - ST10F268

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Jun-2002
ST10F269-Q3 STMICROELECTRONICS-ST10F269-Q3 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Jun-2002
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Mar-2003
ST10F269D STMICROELECTRONICS-ST10F269D Datasheet
806Kb / 4P
16-bit microcontrollers for automotive applications
Jun-2006
ST10F269Z1Q3 STMICROELECTRONICS-ST10F269Z1Q3 Datasheet
3Mb / 184P
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Sep-2003
More results


Similar Description - ST10F268

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
16-BIT MCU WITH 128K BYTE FLASH MEMORY
May-1997
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Jun-2002
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Aug-2002
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
Feb-2002
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
Mar-2003
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Mar-2003
ST10F269ZX STMICROELECTRONICS-ST10F269ZX Datasheet
3Mb / 184P
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Sep-2003
logo
Sanyo Semicon Device
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
logo
Fortune Semiconductor C...
FS98O23 FORTUNE-FS98O23 Datasheet
2Mb / 147P
8-bit MCU with 8k program EPROM, 384-byte RAM
FS98O25 FORTUNE-FS98O25 Datasheet
2Mb / 142P
8-bit MCU with 8k program EPROM, 256-byte RAM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com