Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 4Page - STMicroelectronics ST10F268 Datasheet HTML 5Page - STMicroelectronics ST10F268 Datasheet HTML 6Page - STMicroelectronics ST10F268 Datasheet HTML 7Page - STMicroelectronics ST10F268 Datasheet HTML 8Page - STMicroelectronics ST10F268 Datasheet HTML 9Page - STMicroelectronics ST10F268 Datasheet HTML 10Page - STMicroelectronics ST10F268 Datasheet HTML 11Page - STMicroelectronics ST10F268 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
ST10F168
8/74
P4.0 - P4.7
85-92
I/O
8-bit bidirectional I/O port, bit-wise programmable for input or output via direction bit.
Programming an I/O pin as input forces the corresponding output driver to high
impedance state. For external bus configuration, Port 4 can be used to output the
segment address lines:
85-89
O
P4.0-P4.4 A16-A20
Segment Address Line
90
O
P4.5
A21
Segment Address Line
I
CAN_RxD
CAN Receiver Data Input
91
O
P4.6
A22
Segment Address Line
O
CAN_TxD
CAN Transmitter Data Output
92
O
P4.7
A23
Most Significant Segment Addrress Line
RD
95
O
External Memory Read Strobe. RD is activated for every external instruction or data
read access.
WR/WRL
96
O
External Memory Write Strobe. In WR-mode this pin is activated for every external
data write access. In WRL mode this pin is activated for low Byte data write
accesses on a 16-bit bus, and for every data write access on an 8-bit bus. See
WRCFG in the SYSCON register for mode selection.
READY/
READY
97
I
Ready Input. The active level is programmable. When the Ready function is
enabled, the selected inactive level at this pin, during an external memory access,
will force the insertion of wait state cycles until the pin returns to the selected active
level.
ALE
98
O
Address Latch Enable Output. In case of use of external addressing or of multi-
plexed mode, this signal is the latch command of the address lines.
EA
99
I
External Access Enable pin. A low level at this pin during and after Reset forces the
ST10F168 to start the program from the external memory space. A high level forces
the ST10F168 to start in the internal memory space.
P0L.0 - P0L.7
P0H.0
P0H.1 - P0H.7
100 - 107,
108,
111 - 117
I/O
Two 8-bit bidirectional I/O ports P0L and P0H, bit-wise programmable for input or
output via direction bit. Programming an I/O pin as input forces the corresponding
output driver to high impedance state.
In case of an external bus configuration, Port0 serves as the address (A) and as the
address / data (AD) bus in multiplexed bus modes and as the data (D) bus in demul-
tiplexed bus modes.
Table 1 : Pin Description (continued)
Symbol
Pin
Type
Function
Demultiplexed bus modes
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
D0 – D7
D0 - D7
P0H.0 – P0H.7:
I/O
D8 - D15
Multiplexed bus modes
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
AD0 – AD7
AD0 - AD7
P0H.0 – P0H.7:
A8 – A15
AD8 – AD15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com