Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 18Page - STMicroelectronics ST10F268 Datasheet HTML 19Page - STMicroelectronics ST10F268 Datasheet HTML 20Page - STMicroelectronics ST10F268 Datasheet HTML 21Page - STMicroelectronics ST10F268 Datasheet HTML 22Page - STMicroelectronics ST10F268 Datasheet HTML 23Page - STMicroelectronics ST10F268 Datasheet HTML 24Page - STMicroelectronics ST10F268 Datasheet HTML 25Page - STMicroelectronics ST10F268 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
ST10F168
22/74
7 - EXTERNAL BUS CONTROLLER
All external memory accesses are performed by
the on-chip external bus controller. The EBC can
be programmed to single chip mode when no
external memory is required, or to one of four dif-
ferent external memory access modes :
– 16 / 18 / 20 / 24-bit addresses and 16-bit data,
demultiplexed.
– 16 / 18 / 20 / 24-bit addresses and 16-bit data,
multiplexed.
– 16 / 18 / 20 / 24-bit addresses and 8-bit data,
multiplexed.
– 16 / 18 / 20 / 24-bit addresses and 8-bit data,
demultiplexed.
In demultiplexed bus modes addresses are output
on Port1 and data are input / output on Port0 or
P0L, respectively. In the multiplexed bus modes
both addresses and data use Port0 for input / out-
put.
Timing characteristics of the external bus inter-
face (memory cycle time, memory tri-state time,
length of ALE and read / write delay) are program-
mable giving the choice of a wide range of memo-
ries and external peripherals. Up to 4 independent
address windows may be defined (using register
pairs ADDRSELx / BUSCONx) to access different
resources and bus characteristics. These address
windows
are
arranged
hierarchically
where
BUSCON4 overrides BUSCON3 and BUSCON2
overrides BUSCON1. All accesses to locations
not covered by these 4 address windows are con-
trolled by BUSCON0. Up to 5 external CS signals
(4 windows plus default) can be generated in
order to save external glue logic. Access to very
slow memories is supported by a ‘Ready’ function.
A HOLD/HLDA protocol is available for bus arbi-
tration which shares external resources with other
bus masters. The bus arbitration is enabled by
setting bit HLDEN in register SYSCON. After set-
ting HLDEN once, pins P6.7...P6.5 (BREQ,
HLDA, HOLD) are automatically controlled by the
EBC. In master mode (default after reset) the
HLDA pin is an output. By setting bit DP6.7 to’1’
the slave mode is selected where pin HLDA is
switched to input. This directly connects the slave
controller to another master controller without
glue logic.
For applications which require less external
memory space, the address space can be
restricted to 1M Byte, 256K Byte or to 64K Byte.
Port4 outputs all 8 address lines if an address
space of 16M Byte is used, otherwise four, two or
no address lines.
Chip select timing can be programmed. By default
(after reset), the CSx lines change half a CPU
clock cycle after the rising edge of ALE. With the
CSCFG bit set in the SYSCON register the CSx
lines can change with the rising edge of ALE.
The active level of the READY pin can be set by
bit RDYPOLx in the BUSCONx registers. When
the READY function is enabled for a specific
address window, each bus cycle within the win-
dow must be terminated with the active level
defined by bit RDYPOLx in the associated BUS-
CONx register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com