Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 8Page - STMicroelectronics ST10F268 Datasheet HTML 9Page - STMicroelectronics ST10F268 Datasheet HTML 10Page - STMicroelectronics ST10F268 Datasheet HTML 11Page - STMicroelectronics ST10F268 Datasheet HTML 12Page - STMicroelectronics ST10F268 Datasheet HTML 13Page - STMicroelectronics ST10F268 Datasheet HTML 14Page - STMicroelectronics ST10F268 Datasheet HTML 15Page - STMicroelectronics ST10F268 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
ST10F168
12/74
Figure 4 : ST10F168 on-chip memory mapping
0x5’0000
0x14
0x4’FFFF
0x4’C000
0x13
0x4’8000
0x12
0x4’4000
0x11
0x4’0000
0x10
0x3’C000
0x0F
0x3’8000
0x0E
Bank 3 : 96K Byte
0x3’7FFF
0x3’4000
0x0D
0x3’0000
0x0C
0x2’C000
0x0B
0x2’8000
0x0A
0x2’4000
0x09
0x2’0000
0x08
Bank 2 : 96K Byte
0x1’FFFF
0x1’C000
0x07
0x1’8000
0x06
Bank 1H : 32K Byte
Bank 1L : 16K Byte
0x1’4000
0x05
0x04
Bank 0 : 16K Byte
0x1’0000
Bank 1L : 16K Byte
0x0’4000
0x01
0x00
Bank 0 : 16K Byte
0x0’0000
0x02
0x0’8000
0x0’FFFF
SFR Area
0x0’FE00
0x0’FDFF
IRAM : 2K Byte
0x0’F600
0x0’EFFF
CAN Module
0x0’EF00
0x0’E7FF
XRAM : 6K Byte
0x0’D000
* Bank 0 and Bank 1 L may be remapped from segment 0
to segment 1 by setting SYSCON.ROMS1 (before EINIT)
RAM, SFR and X-pheripherals are
mapped into the address space.
SYSCON.XPEN=1 enables CAN
and XRAM (before EINIT)
Data
Page
Number
Absolute
Memory
Address
0x1’7FFF
0x1’3FFF
0x0’7FFF
0x0’3FFF
0x0’F1FF
ESFR Area
0x0’F000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com