Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 7Page - STMicroelectronics ST10F268 Datasheet HTML 8Page - STMicroelectronics ST10F268 Datasheet HTML 9Page - STMicroelectronics ST10F268 Datasheet HTML 10Page - STMicroelectronics ST10F268 Datasheet HTML 11Page - STMicroelectronics ST10F268 Datasheet HTML 12Page - STMicroelectronics ST10F268 Datasheet HTML 13Page - STMicroelectronics ST10F268 Datasheet HTML 14Page - STMicroelectronics ST10F268 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
ST10F168
11/74
4 - MEMORY ORGANIZATION
The memory space of the ST10F168 is configured
in a Von Neumann architecture. Code memory,
data memory, registers and I/O ports are orga-
nized within the same linear address space of
16M Byte. The entire memory space can be
accessed bytewise or wordwise. Particular por-
tions of the on-chip memory have additionally
been made directly bit addressable.
FLASH: 256K Byte of on-chip Flash memory. See
Flash Memory on page 13
IRAM:
2K
Byte
of
on-chip
internal
RAM
(dual-port) is provided as a storage for data, sys-
tem stack, general purpose register banks and
code. A register bank is 16 wordwide (R0 to R15)
and / or bytewide (RL0, RH0, …, RL7, RH7) gen-
eral purpose registers.
XRAM: 6K Byte of on-chip extension RAM (single
port XRAM) is provided as a storage for data, user
stack and code. The XRAM is connected to the
internal XBUS and is accessed like an external
memory in 16-bit demultiplexed bus-mode without
wait state or read / write delay (80ns access at
25MHz CPU clock). Byte and Word access are
allowed.
The
XRAM
address
range
is
00’D000h
-
00’E7FFh if the XRAM is enabled (XPEN bit 2 of
SYSCON register). As the XRAM appears like
external memory, it cannot be used for the
ST10F168’s system stack or register banks. The
XRAM is not provided for single bit storage and
therefore is not bit addressable. If bit XPEN is
cleared, then any access in the address range
00’D000h - 00’E7FFh will be directed to external
memory interface, using the BUSCONx register
corresponding to address matching ADDRSELx
register.
SFR/ESFR: 1024 Byte (2 x 512 Byte) of address
space is reserved for the Special Function Regis-
ter areas. SFRs are wordwide registers which are
used for controlling and monitoring functions of
the different on-chip units.
CAN: Address range 00’EF00h - 00’EFFFh is
reserved for the CAN Module access. The CAN is
enabled by setting XPEN bit 2 of the SYSCON
register. Accesses to the CAN Module use demul-
tiplexed addresses and a 16-bit data bus (Byte
accesses are possible). Two wait states give an
access time of 160ns at 25MHz CPU clock. No
tristate wait state is used.
Note: If the CAN module is used, Port 4 can not
be programmed to output all 8 segment
address lines. Therefore, only 4 segment
address lines can be used, reducing the
external memory space to 5M Byte (1M
Byte per CS line)
To meet the needs of designs where more mem-
ory is required than is provided on chip, up to 16M
Byte of external RAM and / or ROM can be con-
nected to the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com