Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 45Page - STMicroelectronics ST10F268 Datasheet HTML 46Page - STMicroelectronics ST10F268 Datasheet HTML 47Page - STMicroelectronics ST10F268 Datasheet HTML 48Page - STMicroelectronics ST10F268 Datasheet HTML 49Page - STMicroelectronics ST10F268 Datasheet HTML 50Page - STMicroelectronics ST10F268 Datasheet HTML 51Page - STMicroelectronics ST10F268 Datasheet HTML 52Page - STMicroelectronics ST10F268 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
ST10F168
49/74
19.1 - Identification Registers
The ST10F168 has four Identification registers, mapped in ESFR space. These register contain:
– A manufacturer identifier,
– A chip identifier, with its revision,
– A internal memory and size identifier,
– Programming voltage description.
IDMANUF (F07Eh / 3Fh)
ESFR
Description
MANUF : Manufacturer Identifier - 020h: STmicroelectronics Manufacturer (JTAG worldwide normalisation).
IDCHIP (F07Ch / 3Eh)
ESFR
Description
REVID :
Device Revision Identifier - 1h for the first step, 2h for the second step,...
CHIPID :
Device Identifier - 0A8h is the identifier of ST10F168.
IDMEM (F07Ah / 3Dh)
ESFR
Description
MEMSIZE :
Internal Memory Size - 040h for ST10F168 (256K Bytes).
Internal Memory size is 4 * <MEMSIZE> (in K Byte).
MEMTYP
:
Internal Memory Type - 3h for ST10F168 (Flash memory).
IDPROG (F078h / 3Ch)
ESFR
Description
PROGVDD :
Programming VDD Voltage
VDD voltage when programming EPROM or Flash devices is calculated using the follow-
ing formula: VDD = 20 * <PROGVDD> / 256 [V] - 40h for ST10F168 (5V).
PROGVPP :
Programming VPP Voltage
VPP voltage when programming EPROM or Flash devices is calculated using the follow-
ing formula: VPP = 20 * <PROGVDD> / 256 [V] - 9Ah for ST10F168 (12V).
15
14
13
12
11
10
9876543210
MANUF
-----
R
15
14
13
12
11
10
9876543210
CHIPID
REVID
RR
15
14
13
12
11
10
987654
3210
MEMTYP
MEMSIZE
RR
15
14
13
12
11
10
9876543210
PROGVPP
PROGVDD
RR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com