Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 12Page - STMicroelectronics ST10F268 Datasheet HTML 13Page - STMicroelectronics ST10F268 Datasheet HTML 14Page - STMicroelectronics ST10F268 Datasheet HTML 15Page - STMicroelectronics ST10F268 Datasheet HTML 16Page - STMicroelectronics ST10F268 Datasheet HTML 17Page - STMicroelectronics ST10F268 Datasheet HTML 18Page - STMicroelectronics ST10F268 Datasheet HTML 19Page - STMicroelectronics ST10F268 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
ST10F168
16/74
5.2 - Programming Examples
Programming a double Word
Note: For easier coding, the standard data paging addressing scheme is overriden for the two MOV
instructions of the Flash Trigger Sequence (EXTS instruction). However this coding also locks
both standard and PEC interrupts and class A hardware traps. This override can be replaced by
an ATOMIC instruction if the standard DPP addressing scheme must be preserved.
; code shown below assumes that Flash is mapped in segment 1
; ie. bit ROMS1 = ‘1’ in SYSCON register
; Flash must be enabled, ie. bit ROMEN = ‘1’ in SYSCON.
MOV
R0, #0DD40h
; DD4xh : Double Word programming command
OR
R0, #01h
; Selects segment 1 in flash memory
MOV
R1, #00224h
; Address to be programmed is 01’0224h
MOV
R2, #03456h
; Data to be programmed at 01’0224h
MOV
R3, #04567h
; Data to be programmed at 01’0226h
MOV
R4, #050d
; 50ns is 20MHz CPU clock frequency
MOV
R7, #08000h
; R7 used for Flash trigger sequence
#define FCR 08000h
; Flash Unlock Sequence consists in two consecutive writes, with the direct
addressing mode and then the indirect addressing mode. FCR must represent an
even address in the active address space of the Flash memory, and Rwn can be
any unused Word GPR (R6 to R15)loaded with a value resulting in the same even
address than FCR
EXTS
#1, #2
; Flash can be mapped in segment 0 or 1
MOV
FCR, R7
; first part
MOV
[R7], R7
; second part
NOP
; WARNING: place 2 NOP operations after
NOP
; the Unlock sequence to avoid all possible
; pipeline conflicts in STEAK programs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com