Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 35Page - STMicroelectronics ST10F268 Datasheet HTML 36Page - STMicroelectronics ST10F268 Datasheet HTML 37Page - STMicroelectronics ST10F268 Datasheet HTML 38Page - STMicroelectronics ST10F268 Datasheet HTML 39Page - STMicroelectronics ST10F268 Datasheet HTML 40Page - STMicroelectronics ST10F268 Datasheet HTML 41Page - STMicroelectronics ST10F268 Datasheet HTML 42Page - STMicroelectronics ST10F268 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
ST10F168
39/74
Figure 11 : Synchronous Warm Reset: Long low pulse on RSTIN
Notes: 1. RSTIN rising edge to internal latch of Port0 is 3CPU
clock cycles (6 TCL) if the PLL is bypassed and the
prescaler is on (fCPU = fXTAL / 2), else it is 4 CPU clock
cycles (8 TCL).
2. If during the reset condition (RSTIN low), Vpp voltage
drops below the threshold voltage (about 2.5V for 5V
operation), the asynchronous reset is then immediately
entered.
3. RSTIN pin is pulled low if bit BDRSTEN (bit 5 of
SYSCON register) was previously set by soft-ware. Bit
BDRSTEN is cleared after reset.
17.3 - Software Reset
A software reset sequence can be triggered at
any time by the protected SRST (software reset)
instruction. This instruction can be deliberately
executed within a program, e.g. to leave bootstrap
loader mode, or on a hardware trap that reveals
system failure.
On execution of the SRST instruction, the internal
reset sequence is started. The microcontroller
behaviour is the same as for a synchronous reset,
except that only bit P0.12...P0.8 are latched at the
end of the reset sequence, while previously
latched, bit P0.7...P0.2 are cleared.
17.4 - Watchdog Timer Reset
When the watchdog timer is not disabled during
the initialization, or serviced regularly during pro-
gram execution, it will overflow and trigger the
reset sequence.
Unlike hardware and software resets, the watch-
dog reset completes a running external bus cycle
if this bus cycle either does not use READY, or if
READY is sampled active (low) after the pro-
grammed wait states. When READY is sampled
inactive (high) after the programmed wait states
the running external bus cycle is aborted. Then
the internal reset sequence is started.
Bit P0.12...P0.8 are latched at the end of the reset
sequence and bit P0.7...P0.2 are cleared.
17.5 - Reset Circuitry
Internal reset circuitry is described in Figure 13.
The RSTIN pin provides an internal pullup resistor
of 50K
Ω to 250KΩ (The minimum reset time must
be calculated using the lowest value). It also pro-
vides a programmable (BDRSTEN bit of SYSCON
register) pulldown to output internal reset state
signal (synchronous reset, watchdog timer reset
or software reset).
This bidirectional reset function is useful in appli-
cations where external devices require a reset sig-
nal but cannot be connected to RSTOUT pin.
This is the case of an external memory running
codes before EINIT ( end of initialization) instruc-
tion is executed. RSTOUT pin is pulled high only
when EINIT is executed.
The VPP pin provides an internal weak pulldown
resistor which discharges external capacitor at a
typical rate of 200
µA. If bit PWDCFG of SYSCON
register is set, an internal pullup resistor is acti-
vated at the end of the reset sequence. This pul-
lup will charge any capacitor connected on VPP
pin.
CPU Clock
RSTIN
VPP
RSTOUT
ALE
Port0
Internal
Reset
Signal
Latching point of Port0
for system start-up configuration
6 or 8 TCL1
4 TCL
12 TCL
1024 TCL
Internally pulled low3
Reset Configuration
2 V
PP > 2.5V Asynchronous Reset not entered.
200
µA Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com