Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 10Page - STMicroelectronics ST10F268 Datasheet HTML 11Page - STMicroelectronics ST10F268 Datasheet HTML 12Page - STMicroelectronics ST10F268 Datasheet HTML 13Page - STMicroelectronics ST10F268 Datasheet HTML 14Page - STMicroelectronics ST10F268 Datasheet HTML 15Page - STMicroelectronics ST10F268 Datasheet HTML 16Page - STMicroelectronics ST10F268 Datasheet HTML 17Page - STMicroelectronics ST10F268 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
ST10F168
14/74
5.1 - Programming / Erasing with ST
Embedded Algorithm Kernel
There are three stages to run STEAK :
– To load the registers R0 to R4 with the STEAK
command, the address and the data to be pro-
gramed, or sector to be erased. Table 4 gives
the STEAK parameters for each type of Flash
programming / erasing operation. Table 5 de-
fines the codes used in Table 4.
– To initiate the Unlock Sequence. The Unlock Se-
quence is composed of two consecutive writes
to an even address in the Flash active address
space - the first write has direct addressing
mode (MOV mem, Rwn) - the second write has
indirect addressing mode (MOV [Rwm], Rwn).
Rwn can be any unused Word-GPR (R6 to R15)
loaded with a value resulting in the same even
address as “mem”.
– To read the return values in R0. When the em-
bedded programming / erasing algorithm returns
to trigger point, return values are given in R0.
Table 6 gives the error-code definitions, Table 7
gives the return values in each register for each
type of Flash programming / erasing command.
Note: The Flash Embedded STEAK Algorithms
require at least 50 words on the Internal
System Stack. STEAK verifies that there is
enough free space on the System Stack,
before performing a programming or eras-
ing operation.The MDH, MDL and MDC
register content are modified.
Code examples for programming and erasing the
Flash
Memory
using
STEAK
are
given
in
Section 5.2.
Note
For more details refer to STEAK applica-
tion note on www.st.com web site.
Table 4 : STEAK parameters
Command
R0
R1
R2
R3
R4
Single Word programming
55Ash
AddOff
W
nu
2TCL
Double Word programming
DD4sh
AddOff
DWL
DWH
2TCL
Multiple (block) programming
AA5sh
BegAddOff
EndAddOff
SourceAddr
2TCL
Sector Erasing
EEEEh
5555h
Bnk
Bnk
2TCL
Set Flash Protection UPROG bit
CCCCh
5555h
3333h
AAAAh
2TCL
Read Status
7777h
nu
nu
nu
2TCL
Table 5 : Programming / erasing code definition
s
Segment of the Target Flash Memory cell,
AddOff
Segment Offset of the Target Flash Memory cell. Must be even value (Word-aligned address).
W
Data (Word) to be written in Flash.
DWL,DWH Data (double Word, DHL = low Word, DWH = high Word) to be written in Flash.
BegAddOff
Segment Offset of the FIRST Target Flash Memory Word to be written in a Multiple programming
command. Must be even value (Word-aligned address).
EndAddOff
Segment Offset of the LAST Target Flash Memory Word to be written in a Multiple programming
command.
Must be even value (Word-aligned address). The value D = (EndAddOff - BegAddOff) must be:
0 <= D < 16384 (ie. up to one page (16K Byte) can be written in the flash with one multi-Word
programming command).
SourceAdd
Start address for the block to be programmed.
This address is using implicitly the data paging mechanism of the CPU. SourceAdd value must respect
the following rules :
- SourceAdd + (EndAddOff - BegAddOff) < 16384.
- Page 0 and 1 can NOT be used for source data if bit ROMS1 = ‘1’ (in SYSCON register).
Note that source data can be located in Flash (In pages 0, 1, 6 to 19 if bit ROMS1 = ‘0’, or in pages 4 to 19
if bit ROMS1 = ‘1’).
Bnk
Number of the Bank to be erased. For security, R2 and R3 must hold the same value.
2TCL
CPU clock period in nano-seconds (eg. R4 = 50 (32h) means CPU frequency is 20MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com