Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 40Page - STMicroelectronics ST10F268 Datasheet HTML 41Page - STMicroelectronics ST10F268 Datasheet HTML 42Page - STMicroelectronics ST10F268 Datasheet HTML 43Page - STMicroelectronics ST10F268 Datasheet HTML 44Page - STMicroelectronics ST10F268 Datasheet HTML 45Page - STMicroelectronics ST10F268 Datasheet HTML 46Page - STMicroelectronics ST10F268 Datasheet HTML 47Page - STMicroelectronics ST10F268 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
ST10F168
44/74
CC9IC
b
FF8Ah
C5h
CAPCOM Register 9 Interrupt Control Register
0000h
CC10
FE94h
4Ah
CAPCOM Register 10
0000h
CC10IC
b
FF8Ch
C6h
CAPCOM Register 10 Interrupt Control Register
0000h
CC11
FE96h
4Bh
CAPCOM Register 11
0000h
CC11IC
b
FF8Eh
C7h
CAPCOM Register 11 Interrupt Control Register
0000h
CC12
FE98h
4Ch
CAPCOM Register 12
0000h
CC12IC
b
FF90h
C8h
CAPCOM Register 12 Interrupt Control Register
0000h
CC13
FE9Ah
4Dh
CAPCOM Register 13
0000h
CC13IC
b
FF92h
C9h
CAPCOM Register 13 Interrupt Control Register
0000h
CC14
FE9Ch
4Eh
CAPCOM Register 14
0000h
CC14IC
b
FF94h
CAh
CAPCOM Register 14 Interrupt Control Register
0000h
CC15
FE9Eh
4Fh
CAPCOM Register 15
0000h
CC15IC
b
FF96h
CBh
CAPCOM Register 15 Interrupt Control Register
0000h
CC16
FE60h
30h
CAPCOM Register 16
0000h
CC16IC
b
F160h
E
B0h
CAPCOM Register 16 Interrupt Control Register
0000h
CC17
FE62h
31h
CAPCOM Register 17
0000h
CC17IC
b
F162h
E
B1h
CAPCOM Register 17 Interrupt Control Register
0000h
CC18
FE64h
32h
CAPCOM Register 18
0000h
CC18IC
b
F164h
E
B2h
CAPCOM Register 18 Interrupt Control Register
0000h
CC19
FE66h
33h
CAPCOM Register 19
0000h
CC19IC
b
F166h
E
B3h
CAPCOM Register 19 Interrupt Control Register
0000h
CC20
FE68h
34h
CAPCOM Register 20
0000h
CC20IC
b
F168h
E
B4h
CAPCOM Register 20 Interrupt Control Register
0000h
CC21
FE6Ah
35h
CAPCOM Register 21
0000h
CC21IC
b
F16Ah
E
B5h
CAPCOM Register 21 Interrupt Control Register
0000h
CC22
FE6Ch
36h
CAPCOM Register 22
0000h
CC22IC
b
F16Ch
E
B6h
CAPCOM Register 22 Interrupt Control Register
0000h
CC23
FE6Eh
37h
CAPCOM Register 23
0000h
CC23IC
b
F16Eh
E
B7h
CAPCOM Register 23 Interrupt Control Register
0000h
CC24
FE70h
38h
CAPCOM Register 24
0000h
CC24IC
b
F170h
E
B8h
CAPCOM Register 24 Interrupt Control Register
0000h
CC25
FE72h
39h
CAPCOM Register 25
0000h
CC25IC
b
F172h
E
B9h
CAPCOM Register 25 Interrupt Control Register
0000h
CC26
FE74h
3Ah
CAPCOM Register 26
0000h
CC26IC
b
F174h
E
BAh
CAPCOM Register 26 Interrupt Control Register
0000h
CC27
FE76h
3Bh
CAPCOM Register 27
0000h
CC27IC
b
F176h
E
BBh
CAPCOM Register 27 Interrupt Control Register
0000h
CC28
FE78h
3Ch
CAPCOM Register 28
0000h
CC28IC
b
F178h
E
BCh
CAPCOM Register 28 Interrupt Control Register
0000h
CC29
FE7Ah
3Dh
CAPCOM Register 29
0000h
Table 22 : Special Function Registers listed by name
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com