Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 3 Page - STMicroelectronics

  ST10F268 Datasheet HTML 1Page - STMicroelectronics ST10F268 Datasheet HTML 2Page - STMicroelectronics ST10F268 Datasheet HTML 3Page - STMicroelectronics ST10F268 Datasheet HTML 4Page - STMicroelectronics ST10F268 Datasheet HTML 5Page - STMicroelectronics ST10F268 Datasheet HTML 6Page - STMicroelectronics ST10F268 Datasheet HTML 7Page - STMicroelectronics ST10F268 Datasheet HTML 8Page - STMicroelectronics ST10F268 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
ST10F168
3/74
19
SPECIAL FUNCTION REGISTER OVERVIEW..........................................................
43
19.1
IDENTIFICATION REGISTERS ..................................................................................
49
20
ELECTRICAL CHARACTERISTICS ..........................................................................
50
20.1
ABSOLUTE MAXIMUM RATINGS ..............................................................................
50
20.2
PARAMETER INTERPRETATION ..............................................................................
50
20.3
DC CHARACTERISTICS ............................................................................................
50
20.4
A/D CONVERTER CHARACTERISTICS ....................................................................
52
20.5
AC CHARACTERISTICS.............................................................................................
53
20.5.1
Test Waveforms ........................................................................................................
53
20.5.2
Definition of Internal Timing .........................................................................................
54
20.5.3
Clock Generation Modes .............................................................................................
54
20.5.4
Prescaler Operation.....................................................................................................
55
20.5.5
Direct Drive ..................................................................................................................
55
20.5.6
Oscillator Watchdog (OWD) ........................................................................................
55
20.5.7
Phase Locked Loop .....................................................................................................
55
20.5.8
External Clock Drive XTAL1 ........................................................................................
56
20.5.9
Memory Cycle Variables..............................................................................................
57
20.5.10
Multiplexed Bus ...........................................................................................................
57
20.5.11
Demultiplexed Bus.......................................................................................................
63
20.5.12
CLKOUT and READY..................................................................................................
69
20.5.13
External Bus Arbitration ...............................................................................................
71
21
PACKAGE MECHANICAL DATA ..............................................................................
73
22
ORDERING INFORMATION .......................................................................................
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com