Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 29Page - STMicroelectronics ST10F268 Datasheet HTML 30Page - STMicroelectronics ST10F268 Datasheet HTML 31Page - STMicroelectronics ST10F268 Datasheet HTML 32Page - STMicroelectronics ST10F268 Datasheet HTML 33Page - STMicroelectronics ST10F268 Datasheet HTML 34Page - STMicroelectronics ST10F268 Datasheet HTML 35Page - STMicroelectronics ST10F268 Datasheet HTML 36Page - STMicroelectronics ST10F268 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
ST10F168
33/74
13 - A/D CONVERTER
A10-bit A/D converter with 16 multiplexed input
channels and a sample and hold circuit is
integrated on-chip. The sample time (for loading
the capacitors) and the conversion time is
programmable and can be adjusted to the
external circuitry.
Overrun error detection / protection is controlled by
the ADDAT register. Either an interrupt request is
generated when the result of a previous conversion
has not been read from the result register at the
time the next conversion is complete, or the next
conversion is suspended until the previous result
has been read. For applications which require less
than 16 analog input channels, the remaining chan-
nel inputs can be used as digital input port pins.
The A/D converter of the ST10F168 supports dif-
ferent conversion modes :
– Single channel single conversion : the analog
level of the selected channel is sampled once
and converted. The result of the conversion is
stored in the ADDAT register.
– Single channel continuous conversion : the
analog level of the selected channel is repeatedly
sampled and converted. The result of the conver-
sion is stored in the ADDAT register.
– Auto scan single conversion : the analog level
of the selected channels are sampled once and
converted. After each conversion the result is
stored in the ADDAT register. The data can be
transfered to the RAM by interrupt software
management or using the powerfull Peripheral
Event Controller data transfert.
– Auto scan continuous conversion : the ana-
log level of the selected channels are repeatedly
sampled and converted. The result of the con-
version is stored in the ADDAT register. The
data can be transfered to the RAM by interrupt
software management or using the powerfull
Peripheral Event Controller data transfert.
– Wait for ADDAT read mode : when using con-
tinuous modes, in order to avoid to overwrite
the result of the current conversion by the next
one, the ADWR bit of ADCON control register
must be activated. Then, until the ADDAT regis-
ter is read, the new result is stored in a tempo-
rary buffer and the conversion is on hold.
– Channel
injection
mode
:
when
using
continuous modes, a selected channel can be
converted in between
without
changing the
current operating mode. The 10 bit data of the
conversion are stored in ADRES field of
ADDAT2. The current continuous mode remains
active after the single conversion is completed.
The Table 17 ADC sample clock and conversion
clock shows conversion clock and sample clock of
the ADC unit. A complete conversion
will take
14tCC + 2tSC + 4TCL. This time includes the con-
version it self, the sampling time and the time
required to transfer the digital value to the result
register. For example at 25MHz of CPU clock, the
minimum complete conversion time is 7.76
µs.
The A/D converter provides automatic offset and
linearity self calibration. The calibration operation
is performed in two ways :
– A full calibration sequence is performed after a
reset and lasts 1.25ms minimum (at 25MHz
CPU clock). During this time, the ADBSY flag is
set to indicate the operation. Normal conversion
can be performed during this time. The duration
of the calibration sequence is then extended by
the time consumed by the conversions.
Note : After a power-on reset, the total
unadjusted error (TUE) of the ADC might be
worse than ±2LSB (max. ±4LSB). During the full
calibration sequence, the TUE is constantly
improved until at the end of the cycle, TUE is
within the specified limits of ±2LSB.
– One calibration cycle is performed after each
conversion : each calibration cycle takes 4 ADC
clock cycles. These operation cycles ensure
constant updating of the ADC accuracy, com-
pensating changing operating conditions.
Notes: 1. See Section 20.5.5 - Direct Drive on page 55.
2. tCC = TCL x 24.
Table 17 : ADC sample clock and conversion clock
ADCTC
Conversion Clock tCC
ADSTC
Sample Clock tSC
TCL1 = 1/2 x fXTAL
At fCPU = 25MHz
tSC =
At fCPU = 25MHz
00
TCL x 24
0.48
µs00
tCC
0.48
µs 2
01
Reserved, do not use
Reserved
01
tCC x 2
0.96
µs 2
10
TCL x 96
1.92
µs10
tCC x 4
1.92
µs 2
11
TCL x 48
0.96
µs11
tCC x 8
3.84
µs 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com