Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 32Page - STMicroelectronics ST10F268 Datasheet HTML 33Page - STMicroelectronics ST10F268 Datasheet HTML 34Page - STMicroelectronics ST10F268 Datasheet HTML 35Page - STMicroelectronics ST10F268 Datasheet HTML 36Page - STMicroelectronics ST10F268 Datasheet HTML 37Page - STMicroelectronics ST10F268 Datasheet HTML 38Page - STMicroelectronics ST10F268 Datasheet HTML 39Page - STMicroelectronics ST10F268 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
ST10F168
36/74
15 - CAN MODULE
The integrated CAN module completely handles
the autonomous transmission and the reception of
CAN frames according to the CAN specification
V2.0 part B (active). The on-chip CAN module can
receive and transmit standard frames with 11-bit
identifiers as well as extended frames with 29-bit
identifiers.
The CAN Module Provides full CAN functionality
on up to 15 message objects. Message object 15
can be configured for basic CAN functionality.
Both modes provide separate masks for accep-
tance filtering, allowing a number of identifiers in
full CAN mode to be accepted and disregarding a
number of identifiers in basic CAN mode. All mes-
sage objects can be updated independently from
other objects and are equipped for the maximum
message length of 8 Bytes.
The bit timing is derived from the XCLK and is pro-
grammable up to a data rate of 1M Baud. The
CAN module uses two pins to interface to a bus
transceiver.
16 - WATCHDOG TIMER
The Watchdog Timer is a fail-safe mechanism
which prevents the microcontroller from malfunc-
tioning for long periods of time.
The Watchdog Timer is always enabled after a
reset of the chip and can only be disabled in the
time interval until the EINIT (end of initialization)
instruction has been executed.
Therefore, the chip start-up procedure is always
monitored. The software must be designed to ser-
vice the watchdog timer before it overflows. If, due
to hardware or software related failures, the soft-
ware fails to do so, the watchdog timer overflows
and generates an internal hardware reset. It pulls
the RSTOUT pin low in order to allow external
hardware components to be reset.
The Watchdog Timer is 16-bit, clocked with the
system clock divided by 2 or 128. The high Byte of
the watchdog timer register can be set to a
pre-specified reload value (stored in WDTREL).
Each time it is serviced by the application soft-
ware, the high Byte of the watchdog timer is
reloaded.
For security, rewrite WDTCON each
time before the watchdog timer is serviced.
Table 20 shows the watchdog time range for
25MHz CPU clock.
Table 20 : Watchdog time range (25MHz clock)
Reload value
in WDTREL
Prescaler for fCPU
2 (WDTIN = ‘0’)
128 (WDTIN = ‘1’)
FFh
20.48
µs
1.31ms
00h
5.24ms
336ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com