Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 23Page - STMicroelectronics ST10F268 Datasheet HTML 24Page - STMicroelectronics ST10F268 Datasheet HTML 25Page - STMicroelectronics ST10F268 Datasheet HTML 26Page - STMicroelectronics ST10F268 Datasheet HTML 27Page - STMicroelectronics ST10F268 Datasheet HTML 28Page - STMicroelectronics ST10F268 Datasheet HTML 29Page - STMicroelectronics ST10F268 Datasheet HTML 30Page - STMicroelectronics ST10F268 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
ST10F168
27/74
Table 12 : CAPCOM timer input frequencies, resolution and periods
Note: 1. Input only.
fCPU = 25MHz
Timer Input Selection TxI
000b
001b
010b
011b
100b
101b
110b
111b
fCPU pre-scaler
8
16
32
64
128
256
512
1024
Input Frequency
3.125MHz 1.56MHz
781KHz
391KHz
195KHz
97.7KHz
48.8KHz
24.4KHz
Resolution
320ns
640ns
1.28µs
2.56µs
5.12µs
10.24µs
20.48µs
40.96µs
Period
21.0ms
41.9ms
83.9ms
167ms
336ms
671ms
1.34s
2.68s
Table 13 : CAPCOM Channels Pin Assignement
CAPCOM
Unit
Channel
012
345678
9
10
11
12
13
14
15
CAPCOM1 I/O
CC0
CC1
CC2
CC3
CC4
CC5
CC6
CC7
CC81
CC91 CC101 CC111 CC12 CC13 CC14 CC15
Port
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
2.10
2.11
2.12
2.13
2.14
2.15
Pin Number
47
48
49
50
51
52
53
54
57
58
59
60
61
62
63
64
CAPCOM2 I/O
CC16 CC17 CC18 CC19 CC20 CC21 CC22 CC23 CC24 CC25
CC26
CC27
CC28 CC29 CC30 CC31
Port
8.0
8.1
8.2
8.3
8.4
8.5
8.6
8.7
1H.4
1H.5
1H.6
1H.7
7.4
7.5
7.6
7.7
Pin Number
9
10
11
12
13
14
15
16
132
133
134
135
23
24
25
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com