Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 37Page - STMicroelectronics ST10F268 Datasheet HTML 38Page - STMicroelectronics ST10F268 Datasheet HTML 39Page - STMicroelectronics ST10F268 Datasheet HTML 40Page - STMicroelectronics ST10F268 Datasheet HTML 41Page - STMicroelectronics ST10F268 Datasheet HTML 42Page - STMicroelectronics ST10F268 Datasheet HTML 43Page - STMicroelectronics ST10F268 Datasheet HTML 44Page - STMicroelectronics ST10F268 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
ST10F168
41/74
The minimum reset circuit of Figure 14 is not ade-
quate when the RSTIN pin is driven from the
ST10F168 itself during software or watchdog trig-
gered resets, because of the capacitor C1 that will
keep the voltage on RSTIN pin above VIL after the
end of the internal reset sequence, and thus will
triggered an asynchronous reset sequence.
Figure 14 shows an example of a reset circuit. In
this example, R1C1 external circuit is only used to
generate power-up or manual reset, and R0C0
circuit on VPP is used for power-up reset and to
exit from powerdown mode. Diode D1 creates a
wired-OR gate connection to the reset pin and
may be replaced by open-collector schmitt trigger
buffer. Diode D2 provides a faster cycle time for
repetitive power-on resets.
R2 is an optional pullup for faster recovery and
correct biasing of TTL Open Collector drivers.
Figure 14 : System Reset Circuit
RSTOUT
VPP
RSTIN
VCC
+
C0
R0
ST10F168
External Hardware
VCC
R2
+
C1
R1
D2
D1
o.d.
External
Reset Source
Open Drain Inverter
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com