Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 30Page - STMicroelectronics ST10F268 Datasheet HTML 31Page - STMicroelectronics ST10F268 Datasheet HTML 32Page - STMicroelectronics ST10F268 Datasheet HTML 33Page - STMicroelectronics ST10F268 Datasheet HTML 34Page - STMicroelectronics ST10F268 Datasheet HTML 35Page - STMicroelectronics ST10F268 Datasheet HTML 36Page - STMicroelectronics ST10F268 Datasheet HTML 37Page - STMicroelectronics ST10F268 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
ST10F168
34/74
14 - SERIAL CHANNELS
Serial communication with other microcontrollers,
processors, terminals or external peripheral com-
ponents is provided by two serial interfaces: the
asynchronous
/
synchronous
serial
channel
(ASC0) and the high-speed synchronous serial
channel (SSC).
Two dedicated Baud rate generators set up all
standard Baud rates without the requirement of
oscillator tuning. For transmission, reception and
erroneous reception, 3 separate interrupt vectors
are provided for each serial channel.
ASC0
ASC0 supports full-duplex asynchronous commu-
nication at up to 781.25K Baud and half-duplex
synchronous communication up to 5M Baud at
25MHz system clock.
For asynchronous operation, the Baud rate gener-
ator provides a clock with 16 times the rate of the
established Baud rate.
Table 18 lists various commonly used Baud rates
together with the required reload values and the
deviation
errors
compared
to
the
intended
Baud rate.
For synchronous operation, the Baud rate genera-
tor provides a clock with 4 times the rate of the
established Baud rate.
Table 18 : Commonly used Baud rates by reload value and deviation errors
S0BRS = ‘0’, fCPU = 25MHz
S0BRS = ‘1’, fCPU = 25MHz
Baud Rate (Baud)
Deviation Error
Reload Value
Baud Rate (Baud)
Deviation Error
Reload Value
781 250
±0.0%
0000h
520 833
±0.0%
0000h
56 000
+7.3% / -0.4%
000Ch / 000Dh
56 000
+3.3% / -7.0%
0008h / 0009h
38 400
+1.7% / -3.1%
0013h / 0014h
38 400
+4.3% / -3.1%
000Ch / 000Dh
19 200
+1.7% / -0.8%
0027h / 0028h
19 200
+0.5% / -3.1%
001Ah / 001Bh
9 600
+0.5% / -0.8%
0050h/ 0051h
9 600
+0.5% / -1.4%
0035h / 0036h
4 800
+0.5% / -0.1%
00A1h / 00A2h
4 800
+0.5% / -0.5%
006Bh / 006Ch
2 400
+0.2% / -0.1%
0144h / 0145h
2 400
+0.0% / -0.5%
00D8h / 00D9h
1 200
+0.0% / -0.1%
028Ah / 028Bh
1 200
+0.0% / -0.2%
01B1h / 01B2h
600
+0.0% / -0.1%
0515h / 0516h
600
+0.0% / -0.1%
0363h / 0364h
95
+0.4%
1FFFh / 1FFFh
75
+0.0% / -0.0%
1B1Fh / 1B20h
63
+0.9%
1FFFh / 1FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com