Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 46Page - STMicroelectronics ST10F268 Datasheet HTML 47Page - STMicroelectronics ST10F268 Datasheet HTML 48Page - STMicroelectronics ST10F268 Datasheet HTML 49Page - STMicroelectronics ST10F268 Datasheet HTML 50Page - STMicroelectronics ST10F268 Datasheet HTML 51Page - STMicroelectronics ST10F268 Datasheet HTML 52Page - STMicroelectronics ST10F268 Datasheet HTML 53Page - STMicroelectronics ST10F268 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
ST10F168
50/74
20 - ELECTRICAL CHARACTERISTICS
20.1 - Absolute Maximum Ratings
Note: 1. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
During overload conditions (VIN>VDD or VIN<VSS) the voltage on pins with respect to ground (VSS) must not exceed the values
defined by the Absolute Maximum Ratings.
20.2 - Parameter Interpretation
The parameters listed in the following tables represent the characteristics of the ST10F168 and its
demands on the system.
Where the ST10F168 logic provides signals with their respective timing characteristics, the symbol “CC”
for Controller Characteristics is included in the “Symbol” column.
Where the external system must provide signals with their respective timing characteristics to the
ST10F168, the symbol “SR” for System Requirement is included in the “Symbol” column.
20.3 - DC Characteristics
VDD = 5V ± 10%, VSS = 0V, Reset active, for Q6 version : TA = -40, +85°C and for Q3 version TA = -40,
+125°C, unless otherwise specified.
Symbol
Parameter
Value
Unit
VDD
Voltage on VDD pins with respect to ground
1
-0.5, +6.5
V
VIO
Voltage on any pin with respect to ground1
-0.5, (VDD +0.5)
V
IOV
Input Current on any pin during overload condition1
-10, +10
mA
ITOV
Absolute Sum of all input currents during overload condition1
|100 mA|
mA
Ptot
Power Dissipation1
1.5
W
TA
Ambient Temperature under bias for - Q61
Ambient Temperature under bias for - Q31
-40, +85
-40, +125
°C
°C
Tstg
Storage Temperature1
-65, +150
°C
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VIL
SR Input low voltage
–
– 0.5
0.2 VDD – 0.1
V
VILS
SR Input low voltage (special threshold)
–
– 0.5
2.0
V
VIH
SR
Input high voltage
(all except RSTIN and XTAL1)
–
0.2 VDD + 0.9
VDD + 0.5
V
VIH1
SR Input high voltage RSTIN
–
0.6 VDD
VDD + 0.5
V
VIH2
SR Input high voltage XTAL1
–
0.7 VDD
VDD + 0.5
V
VIHS
SR Input high voltage (special threshold)
–
0.8 VDD - 0.2
VDD + 0.5
V
HYS
Input Hysteresis (special threshold)
–
300
-
mV
VOL
CC
Output low voltage 1 (Port0, Port1, Port 4, ALE,
RD, WR, BHE, CLKOUT, RSTOUT)
IOL = 2.4mA
–
0.45
V
VOL1
CC Output low voltage1 (all other outputs)
IOL1 = 1.6mA
–
0.45
V
VOH
CC
Output high voltage1 (Port0, Port1, Port4, ALE,
RD, WR, BHE, CLKOUT, RSTOUT)
IOH = – 500µA
IOH = –2.4mA
0.9 VDD
2.4
–
–
V
VOH1
CC Output high voltage 1 2 (all other outputs)
IOH = – 250µA
IOH = – 1.6mA
0.9 VDD
2.4
–
–
V
V
IOZ1
CC Input leakage current (Port 5)
0V < VIN < VDD
–
±0.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com