Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F268 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 50Page - STMicroelectronics ST10F268 Datasheet HTML 51Page - STMicroelectronics ST10F268 Datasheet HTML 52Page - STMicroelectronics ST10F268 Datasheet HTML 53Page - STMicroelectronics ST10F268 Datasheet HTML 54Page - STMicroelectronics ST10F268 Datasheet HTML 55Page - STMicroelectronics ST10F268 Datasheet HTML 56Page - STMicroelectronics ST10F268 Datasheet HTML 57Page - STMicroelectronics ST10F268 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 74 page
background image
ST10F168
54/74
20.5.2 - Definition of Internal Timing
The internal operation of the ST10F168 is
controlled by the internal CPU clock fCPU. Both
edges of the CPU clock can trigger internal (e.g.
pipeline) or external (e.g. bus cycles) operations.
The specification of the external timing (AC
Characteristics) therefore depends on the time
between two consecutive edges of the CPU clock,
called “TCL” (see Figure 18).
The CPU clock signal can be generated by
different mechanisms. The duration of TCL and its
variation (and also the derived external timing)
depends on the mechanism used to generate
fCPU. This influence must be regarded when
calculating the timings for the ST10F168.
The example for PLL operation shown in the
Figure 18 refers to a PLL factor of 4.
The mechanism used to generate the CPU clock
is selected during reset by the logic levels on pins
P0.15-13 (P0H.7-5).
20.5.3 - Clock Generation Modes
The Table 23 associates the combinations of these three bit with the respective clock generation mode.
Notes: 1. The external clock input range refers to a CPU clock range of 1...25MHz.
2. The maximum depends on the duty cycle of the external clock signal.
3. The maximum input frequency is 25MHz when using an external crystal with the internal oscillator; providing that internal serial
resistance of the crystal is less than 40
Ω. However, higher frequencies can be applied with an external clock source on pin XTAL1,
but in this case, the input clock signal must reach the defined levels VIL and VIH2.
Figure 18 : Generation Mechanisms for the CPU Clock
Table 23 : CPU Frequency Generation
P0H.7 P0H.6 P0H.5 CPU Frequency fCPU = fXTAL x F External Clock Input Range
1
Notes
11
1
fXTAL x 4
2.5 to 6.25MHz
Default configuration
11
0
fXTAL x 3
3.33 to 8.33MHz
10
1
fXTAL x 2
5 to 12.5MHz
10
0
fXTAL x 5
2 to 5MHz
01
1
fXTAL x 1
1 to 25MHz
Direct drive 2
01
0
fXTAL x 1.5
6.66 to 16.6MHz
00
1
fXTAL / 2
2 to 50MHz
CPU clock via prescaler 3
00
0
fXTAL x 2.5
4 to 10MHz
TCL TCL
TCL TCL
fCPU
fXTAL
fCPU
fXTAL
Phase locked loop operation
Direct Clock Drive
TCL
TCL
fCPU
fXTAL
Prescaler Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com