Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0669 Datasheet (PDF) - DFROBOT

DFR0669 Datasheet PDF - DFROBOT
Part # DFR0669
Download  DFR0669 Download
File Size   940.76 Kbytes
Page   26 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description SKU:DFR0669

DFR0669 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0669 Datasheet PDF - DFROBOT

Part # DFR0669
Download  DFR0669 Click to download

File Size   940.76 Kbytes
Page   26 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description SKU:DFR0669

DFR0669 Datasheet (HTML) - DFROBOT


DFR0669 Product details

Specification
Operating Voltage: 3.3V-5.5 V
IPS View Angle: 120 degrees
Color Depth: 16-bit(RGB565)
Driver Chip: ILI9488
Touch Chip: GT911
Pixels: 480x320
Communication Mode: SPI
Brightness (cd/m2): 300(TYP)
Full-screen Consumption: 48.1mA *5V/3.3V(Typ)
Operating Temperature: -20℃~+70℃
Display Area: 73.44×48.96 mm
Module Size: 55.50x95.00 mm
Mounting Hole Diameter: 2 mm
Weight:




Similar Part No. - DFR0669

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0667 DFROBOT-DFR0667 Datasheet
333Kb / 3P
Micro Lipo USB Charger Wiki DFRobot
7-1-22
DFR0668 DFROBOT-DFR0668 Datasheet
472Kb / 3P
SKU:DFR0668
7-1-22
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com