Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0669 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0669
Description  SKU:DFR0669
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0669 Datasheet(HTML) 1 Page - DFROBOT

  DFR0669 Datasheet HTML 1Page - DFROBOT DFR0669 Datasheet HTML 2Page - DFROBOT DFR0669 Datasheet HTML 3Page - DFROBOT DFR0669 Datasheet HTML 4Page - DFROBOT DFR0669 Datasheet HTML 5Page - DFROBOT DFR0669 Datasheet HTML 6Page - DFROBOT DFR0669 Datasheet HTML 7Page - DFROBOT DFR0669 Datasheet HTML 8Page - DFROBOT DFR0669 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SKU:DFR0669 (https://www.dfrobot.com/product-
2107.html)
(https://www.dfrobot.com/product-
2107.html)
Introduction
This is a 3.5” IPS capacitive Touchscreen Display. The module, with a resolution of
480x320, adopts ILI9488 as driver IC and SPI (4-line) communication mode. The
board integrates touch chip GT911, employing I2C communication to realize
multiple touchpoints controlling. The module also integrates an SD card slot
allowing you to easily read the full-color bitmap. There are two modes of wiring
supplied, normal pin header wiring and GDI. The latter one requires to work with a
main controller board ith a GDI interface (e g FireBeetle M0) Yo can se it ith
7/7/24, 7:11 PM
3.5”480x320 TFT LCD Capacitive Touchscreen Breakout Wiki - DFRobot
https://wiki.dfrobot.com/3.5inches_480_320_TFT_LCD_Capacitive_Touchscreen_SKU_DFR0669
1/26


Similar Part No. - DFR0669

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0667 DFROBOT-DFR0667 Datasheet
333Kb / 3P
Micro Lipo USB Charger Wiki DFRobot
7-1-22
DFR0668 DFROBOT-DFR0668 Datasheet
472Kb / 3P
SKU:DFR0668
7-1-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com