Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0669 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0669
Description  SKU:DFR0669
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0669 Datasheet(HTML) 2 Page - DFROBOT

  DFR0669 Datasheet HTML 1Page - DFROBOT DFR0669 Datasheet HTML 2Page - DFROBOT DFR0669 Datasheet HTML 3Page - DFROBOT DFR0669 Datasheet HTML 4Page - DFROBOT DFR0669 Datasheet HTML 5Page - DFROBOT DFR0669 Datasheet HTML 6Page - DFROBOT DFR0669 Datasheet HTML 7Page - DFROBOT DFR0669 Datasheet HTML 8Page - DFROBOT DFR0669 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
main controller board with a GDI interface (e.g. FireBeetle-M0). You can use it with
only one FPC line plugging in, which reduces the complexity of the wiring.
Furthermore, it features high resolution, wide viewing angle, and simple wiring,
which can be used in all sorts of display applications, such as, IoT controlling device,
game console, desktop event notifier, touch interface, etc.
Specification
Operating Voltage: 3.3V-5.5 V
IPS View Angle: 120 degrees
Color Depth: 16-bit(RGB565)
Driver Chip: ILI9488
Touch Chip: GT911
Pixels: 480x320
Communication Mode: SPI
Brightness (cd/m2): 300(TYP)
Full-screen Consumption: 48.1mA *5V/3.3V(Typ)
Operating Temperature: -20℃~+70℃
Display Area: 73.44×48.96 mm
Module Size: 55.50x95.00 mm
Mounting Hole Diameter: 2 mm
Weight:
7/7/24, 7:12 PM
3.5”480x320 TFT LCD Capacitive Touchscreen Breakout Wiki - DFRobot
https://wiki.dfrobot.com/3.5inches_480_320_TFT_LCD_Capacitive_Touchscreen_SKU_DFR0669
2/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com