Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1G-13-F Datasheet (PDF) - THAT Corporation All rights reserved.

S1G-13-F Datasheet PDF - THAT Corporation All rights reserved.
Part # S1G-13-F
Download  S1G-13-F Download
File Size   844.6 Kbytes
Page   16 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description 2-Channel Digitally-Controlled Mic Preamp Demonstration Board

S1G-13-F Datasheet (PDF)

Go To PDF Page Download Datasheet
S1G-13-F Datasheet PDF - THAT Corporation All rights reserved.

Part # S1G-13-F
Download  S1G-13-F Click to download

File Size   844.6 Kbytes
Page   16 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description 2-Channel Digitally-Controlled Mic Preamp Demonstration Board

S1G-13-F Datasheet (HTML) - THAT Corporation All rights reserved.


S1G-13-F Product details

FEATURES
• Demonstrates a complete 2 channel digitally-controlled microphone preamplifier
system based on THAT5263 IC
• Controls gain of two microphone preamplifiers
• Balanced main audio input/output on XLR connectors
• Balanced TRS line input with -20dB pad
• Switchable phantom power (with external +48V)
• Supports pro audio signal levels: +26 dBu (input and output, ±15V supplies)
• Gain adjustable in 3 dB steps from 0 dB to 51 dB
• Easy to use PC Graphical User Interface software
• Generous prototyping area
DESCRIPTION
The THAT 5263-DEMO Digitally-Controlled Mic
Preamp Demo Board allows developers to evaluate
the THAT5263 digital gain controller IC with THAT
differential output microphone preamplifiers. A fullyfeatured
microphone preamplifier is demonstrated
with phantom power switching and fault protection,
mic/line inputs, RFI filtering, and output conditioning.
The board is controlled by a user-friendly PC graphical
user interface over USB.




Similar Part No. - S1G-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1G-13-F DIODES-S1G-13-F Datasheet
403Kb / 5P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 24
logo
Multicomp Pro
S1G-13-F MULTICOMP-S1G-13-F Datasheet
1Mb / 3P
Surface Mount Rectifier
10/09/19 V1.0
logo
THAT Corporation All ri...
S1G-13-F THAT-S1G-13-F Datasheet
2Mb / 14P
Digital Preamplifier Controller Demonstration System
08/15/18
S1G-13-F THAT-S1G-13-F Datasheet
1Mb / 20P
THAT 626x 2-Channel Digitally-Controlled Mic Preamp-ADC Driver Demonstration System
06/14/18
More results


Similar Description - S1G-13-F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2163 AD-SSM2163 Datasheet
272Kb / 16P
Digitally Controlled 8 x 2 Audio Mixer
REV.0
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
logo
Intersil Corporation
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
Digitally Controlled Potentiometer
September 26, 2006
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
Digitally Controlled Potentiometer
September 5, 2006
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
logo
Analog Devices
SSM2163 AD-SSM2163_15 Datasheet
215Kb / 16P
Digitally Controlled 8 3 2 Audio Mixer
REV. 0
logo
Intersil Corporation
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
Digitally Controlled Potentiometer
July 31, 2014
logo
List of Unclassifed Man...
286S ETC-286S Datasheet
1Mb / 2P
Channel Strip Processor 286s Mic Preamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com