Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1G-13-F Datasheet (PDF) - THAT Corporation All rights reserved.

S1G-13-F Datasheet PDF - THAT Corporation All rights reserved.
Part # S1G-13-F
Download  S1G-13-F Download
File Size   1840.79 Kbytes
Page   20 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description THAT 626x 2-Channel Digitally-Controlled Mic Preamp-ADC Driver Demonstration System

S1G-13-F Datasheet (PDF)

Go To PDF Page Download Datasheet
S1G-13-F Datasheet PDF - THAT Corporation All rights reserved.

Part # S1G-13-F
Download  S1G-13-F Click to download

File Size   1840.79 Kbytes
Page   20 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description THAT 626x 2-Channel Digitally-Controlled Mic Preamp-ADC Driver Demonstration System

S1G-13-F Datasheet (HTML) - THAT Corporation All rights reserved.


S1G-13-F Product details

FEATURES
 Complete 2-channel low noise programmable-gain preamplifier-ADC driver based
on the THAT6261, THAT6263, or THAT6266 ICs
 Interchangeable modules for quick and easy performance evaluation and
comparison for all three 626x gain step options
 Balanced microphone-level audio inputs on XLR connectors
 Balanced line inputs with -10 dB pad on TRS connectors
 Balanced ADC drive outputs on 3-pin headers
 General-purpose balanced outputs on XLR connectors
 Output filter can be configured to match most popular ADCs
 Easy to use PC Graphical User Interface software provides independent control of
Gain, Enable, Mute, ZCD Modes, and GPO states. Channels may be linked for
“stereo” gain control.
 Runs from bipolar (±5 V) or unipolar (+10 V) power supplies
 On-board 3.3 V regulator for the digital logic supply
 On-board 5 V regulator for the ADC driver supply in unipolar operation
 Switchable phantom power (externally supplied +48V)
 VCM input for external ADC biasing




Similar Part No. - S1G-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1G-13-F DIODES-S1G-13-F Datasheet
403Kb / 5P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 24
logo
Multicomp Pro
S1G-13-F MULTICOMP-S1G-13-F Datasheet
1Mb / 3P
Surface Mount Rectifier
10/09/19 V1.0
logo
THAT Corporation All ri...
S1G-13-F THAT-S1G-13-F Datasheet
844Kb / 16P
2-Channel Digitally-Controlled Mic Preamp Demonstration Board
10/27/16
S1G-13-F THAT-S1G-13-F Datasheet
2Mb / 14P
Digital Preamplifier Controller Demonstration System
08/15/18
More results


Similar Description - S1G-13-F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2163 AD-SSM2163 Datasheet
272Kb / 16P
Digitally Controlled 8 x 2 Audio Mixer
REV.0
logo
Linear Technology
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
logo
Maxim Integrated Produc...
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
logo
List of Unclassifed Man...
OTL444A ETC-OTL444A Datasheet
56Kb / 1P
DIGITALLY CONTROLLED 64 LED CURRENT DRIVER
logo
Asahi Kasei Microsystem...
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
4-Channel ADC with PLL & MIC-AMP
logo
Linear Technology
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
logo
Analog Devices
SSM2163 AD-SSM2163_15 Datasheet
215Kb / 16P
Digitally Controlled 8 3 2 Audio Mixer
REV. 0
logo
Linear Technology
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
logo
List of Unclassifed Man...
286S ETC-286S Datasheet
1Mb / 2P
Channel Strip Processor 286s Mic Preamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com