Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

646W16-U Datasheet (PDF) - THAT Corporation All rights reserved.

646W16-U Datasheet PDF - THAT Corporation All rights reserved.
Part # 646W16-U
Download  646W16-U Download
File Size   280.92 Kbytes
Page   12 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description Balanced Line Driver ICs

646W16-U Datasheet (PDF)

Go To PDF Page Download Datasheet
646W16-U Datasheet PDF - THAT Corporation All rights reserved.

Part # 646W16-U
Download  646W16-U Click to download

File Size   280.92 Kbytes
Page   12 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description Balanced Line Driver ICs

646W16-U Datasheet (HTML) - THAT Corporation All rights reserved.


646W16-U Product details

FEATURES
• Balanced, transformer-like floating
output
• OutSmarts® technology improves
clipping into single-ended loads
• Stable driving long cables and
capacitive loads
• High output: 18Vrms into 600 Ω
• Low noise: -101 dBu
• Low distortion: 0.0007% @ 1kHz
• Industry-standard pinout
APPLICATIONS
• Differential Line Drivers
• Audio Mixing Consoles
• Distribution Amplifiers
• Hi-Fi Equipment
• Audio Equalizers
• Dynamic Range Processors
• Digital Effects Processors
• Telecommunications Systems
• Instrumentation
Description
The THAT 1606 and 1646 are a new generation
of monolithic audio differential line drivers offering
improved performance over conventional crosscoupled
designs. Based on a high-performance, fully
differential opamp and laser-trimmed thin-film
resistors, both families exhibit low noise and
distortion, high slew rate, and wide output swing.
The parts are stable when driving difficult loads, and
have short-circuit protected outputs.
Designed from the ground up in THAT's
complementary dielectric isolation process, both
models incorporate THAT's patented OutSmarts1
technology. This is a dual feedback-loop design that
prevents the excessive ground currents typical of
cross-coupled output stages (CCOS) when clipping
into single-ended loads. OutSmarts uses two
individual negative-feedback loops to separately
control the differential output voltage and common
mode output currents, making the designs
inherently more stable and less sensitive to
component tolerances than common CCOSes. As a
result, THAT's topology prevents the loss of
common-mode feedback that plagues common
CCOS designs when clipping into single-ended loads.
This avoids excessive ground currents that would
otherwise upset power supplies and create
additional distortion, even in adjacent channels.
The 1646 is pin-compatible with the TI DRV134
and DRV135, as well as the Analog Devices
SSM2142. The 1606 offers an advanced commonmode
offset voltage reduction scheme, which
requires a small single capacitor instead of the two
electrolytics required by the 1646 and its pincompatible
cousins. Additionally, the 1606 features
differential inputs in a space-saving 16-pin QSOP
package. Both parts offer +6 dB gain.




Similar Part No. - 646W16-U

ManufacturerPart #DatasheetDescription
logo
Littelfuse
646 LITTELFUSE-646 Datasheet
113Kb / 1P
MINIATURE FUSEHOLDERS
logo
Mallory performance clu...
646 MALLORY-646 Datasheet
198Kb / 8P
WINDOW RPM ACTIVATED SWITCH
logo
Advanced Energy Industr...
646 ADVANCEDENERGY-646 Datasheet
131Kb / 4P
TREK 646
logo
Littelfuse
646 LITTELFUSE-646 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Walther-Werke
646 WALTHER-646 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results


Similar Description - 646W16-U

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
Unipolar Driver ICs
logo
Analog Devices
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
Balanced Line Driver
REV.B
logo
List of Unclassifed Man...
THAT1240 ETC-THAT1240 Datasheet
111Kb / 8P
Balanced Line Receiver ICs
logo
Sanken electric
SLA7070M SANKEN-SLA7070M Datasheet
2Mb / 36P
Motor Driver ICs
logo
Analog Devices
SSM2142PZ AD-SSM2142PZ Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
logo
Sanken electric
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
Off-Line LED Driver ICs
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
Off-Line DC / DC LED Driver ICs
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
Off-Line DC / DC LED Driver ICs
logo
Analog Devices
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com