Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480ACN Datasheet (PDF) - STMicroelectronics

ST1480ACN Datasheet PDF - STMicroelectronics
Part # ST1480ACN
Download  ST1480ACN Download
File Size   335.74 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver

ST1480ACN Datasheet (PDF)

Go To PDF Page Download Datasheet
ST1480ACN Datasheet PDF - STMicroelectronics

Part # ST1480ACN
Download  ST1480ACN Click to download

File Size   335.74 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver

ST1480ACN Datasheet (HTML) - STMicroelectronics


ST1480ACN Product details

DESCRIPTION
The ST1480A is ±15kV ESD protected, 3.3V low power transceiver for RS-485 and RS-422 communications. The device contains one driver and one receiver in half duplex configuration. The ST1480A transmit and receive at guaranteed data rate at least to 12Mbps.
   
■ ESD PROTECTION:
    ±15KV HUMAN BODY MODEL
    ±8KV IEC 1000-4-2 CONTACT DISCHARGE
■ OPERATE FROM A SINGLE 3.3V SUPPLY -
    NO CHARGE PUMP REQUIRED
■ INTEROPERABLE WITH 5V LOGIC
■ 1µA LOW CURRENT SHUTDOWN MODE
    MAX
■ GUARANTEED 12 Mbps DATA RATE
■ -7 TO 12 COMMON MODE INPUT VOLTAGE
    RANGE
■ HALF DUPLEX VERSIONS AVAILABLE
■ INDUSTRY STANDARD 75176 PINOUT
■ CURRENT LIMITING AND THERMAL
    SHUTDOWN FOR DRIVER OVERLOAD
    PROTECTION
■ GUARANTEED HIGH RECEIVER OUTPUT
    STATE FOR FLOATING, SHORTED OR
    TERMINATED INPUTS WITH NO SIGNAL
    PRESENT
■ ALLOW UP TO 64 TRANSCEIVERS ON THE
    BUS
   




Similar Part No. - ST1480ACN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1480ACN STMICROELECTRONICS-ST1480ACN Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
More results


Similar Description - ST1480ACN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E Datasheet
361Kb / 16P
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
02-Apr-1000
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
-15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
logo
Maxim Integrated Produc...
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
logo
STMicroelectronics
ST1480US STMICROELECTRONICS-ST1480US Datasheet
445Kb / 21P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
06-Apr-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com