Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1534A Datasheet (PDF) - STMicroelectronics

ST1534A Datasheet PDF - STMicroelectronics
Part # ST1534A
Download  ST1534A Download
File Size   552.58 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500mA SMART LDO

ST1534A Datasheet (PDF)

Go To PDF Page Download Datasheet
ST1534A Datasheet PDF - STMicroelectronics

Part # ST1534A
Download  ST1534A Click to download

File Size   552.58 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500mA SMART LDO

ST1534A Datasheet (HTML) - STMicroelectronics


ST1534A Product details

DESCRIPTION

The ST1534A is intended for application such as power managed PCI and network interface cards

(NICs), where operations from 3.3V VAUX supplymay be required when the 5V supply has been shut down. During regular operation, 3.3V power for the PCI card is provided by the internal LDO regulator, generated from 5V supply. When the 5V VAUX is available, the IC connects this supply directly to its output using an external P-Channel FET. This ensures an uninterrupted 3.3V out even if VIN falls out of specification. When both supplies are available simultaneously, the drive pin DR will be pulled high, turning off the PMOS switch.



■ GLITCH FREE TRANSITION BETWEEN INPUT SOURCES

■ INTERNAL LOGIC SELECTS INPUT SOURCE

■ GATE DRIVE FOR EXTERNAL PMOS BYPASS SWITCH

■ 5V DETECTOR WITH HYSTERESIS

■ 1% 3.3V REGULATED OUTPUT VOLTAGE

■ 500mA GUARANTEED OUTPUT CURREN

■ OPERATING TEMPERATURE RANGE FROM 0°C TO 85°C

■ AVAILABLE IN P2PAK PACKAGE

■ PPAK AND SO-8 PACKAGES CAN BE AVAILABLE ON REQUEST




Similar Part No. - ST1534A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ST15 ASTRODYNE-ST15 Datasheet
190Kb / 3P
Isolated and Regulated 15 Watt Modular DC/DC Converters
logo
Arch Electronics Corp.
ST15 ARCH-ST15 Datasheet
193Kb / 4P
Encapsulated DC-DC Converter
logo
FLEXTRAL
ST15 FLEXTRAL-ST15 Datasheet
1Mb / 1P
ST15 EPDM
V04.21
ST15-050BK FLEXTRAL-ST15-050BK Datasheet
1Mb / 1P
ST15 EPDM
V04.21
ST15-075BK FLEXTRAL-ST15-075BK Datasheet
1Mb / 1P
ST15 EPDM
V04.21
More results


Similar Description - ST1534A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3239 ANALOGICTECH-AAT3239 Datasheet
279Kb / 14P
500mA MicroPower LDO
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
Dual 500mA LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
500mA CMOS LDO Regulator
logo
Holtek Semiconductor In...
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
500mA TinyPowerTM LDO
March 2, 2007
logo
Diodes Incorporated
AP7217 DIODES-AP7217 Datasheet
251Kb / 7P
500mA CMOS LDO
AP7217 Rev. 1
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
500mA CMOS LDO Regulator
logo
Diodes Incorporated
AP7217 DIODES-AP7217_10 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
logo
Intersil Corporation
ISL80505IRAJZ INTERSIL-ISL80505IRAJZ Datasheet
711Kb / 14P
High Performance 500mA LDO
September 8, 2015
logo
Renesas Technology Corp
ISL80505 RENESAS-ISL80505 Datasheet
961Kb / 13P
High Performance 500mA LDO
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
500mA LDO Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com