Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1534A Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1534A
Description  500mA SMART LDO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1534A Datasheet(HTML) 1 Page - STMicroelectronics

  ST1534A Datasheet HTML 1Page - STMicroelectronics ST1534A Datasheet HTML 2Page - STMicroelectronics ST1534A Datasheet HTML 3Page - STMicroelectronics ST1534A Datasheet HTML 4Page - STMicroelectronics ST1534A Datasheet HTML 5Page - STMicroelectronics ST1534A Datasheet HTML 6Page - STMicroelectronics ST1534A Datasheet HTML 7Page - STMicroelectronics ST1534A Datasheet HTML 8Page - STMicroelectronics ST1534A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
April 2003
s
GLITCH FREE TRANSITION BETWEEN
INPUT SOURCES
s
INTERNAL LOGIC SELECTS INPUT
SOURCE
s
GATE DRIVE FOR EXTERNAL PMOS
BYPASS SWITCH
s
5V DETECTOR WITH HYSTERESIS
s
1% 3.3V REGULATED OUTPUT VOLTAGE
s
500mA GUARANTEED OUTPUT CURRENT
s
OPERATING TEMPERATURE RANGE
FROM 0°C TO 85°C
s
AVAILABLE IN P2PAK PACKAGE
s
PPAK AND SO-8 PACKAGES CAN BE
AVAILABLE ON REQUEST
APPLICATIONS
s
NETWORK INTERFACE CARDS
s
PCMCIA/PCI INTERFACE CARDS
s
DESKTOP COMPUTERS
s
POWER SUPPLY WITH MULTIPLE INPUT
SOURCES
DESCRIPTION
The ST1534A is intended for application such as
power managed PCI and network interface cards
(NICs), where operations from 3.3V VAUX supply
may be required when the 5V supply has been
shut down.
During regular operation, 3.3V power for the PCI
card is provided by the internal LDO regulator,
generated from 5V supply. When the 5V VAUX is
available, the IC connects this supply directly to its
output using an external P-Channel FET. This
ensures an uninterrupted 3.3V out even if VIN falls
out of specification.
When both supplies are available simultaneously,
the drive pin DR will be pulled high, turning off the
PMOS switch.
The device is available in the popular 5 leads
P2PAK and PPAK
ST1534A
500mA SMART LDO
-
+
-
+
VIN
VIN
DR
VOUT
Reference
Error
Amp
5V Detect
Rpull_down
GND
SCHEMATIC DIAGRAM
SO-8
PPAK
P2PAK


Similar Part No. - ST1534A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ST15 ASTRODYNE-ST15 Datasheet
190Kb / 3P
Isolated and Regulated 15 Watt Modular DC/DC Converters
logo
Arch Electronics Corp.
ST15 ARCH-ST15 Datasheet
193Kb / 4P
Encapsulated DC-DC Converter
logo
FLEXTRAL
ST15 FLEXTRAL-ST15 Datasheet
1Mb / 1P
ST15 EPDM
V04.21
ST15-050BK FLEXTRAL-ST15-050BK Datasheet
1Mb / 1P
ST15 EPDM
V04.21
ST15-075BK FLEXTRAL-ST15-075BK Datasheet
1Mb / 1P
ST15 EPDM
V04.21
More results

Similar Description - ST1534A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3239 ANALOGICTECH-AAT3239 Datasheet
279Kb / 14P
500mA MicroPower LDO
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
Dual 500mA LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
500mA CMOS LDO Regulator
logo
Holtek Semiconductor In...
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
500mA TinyPowerTM LDO
March 2, 2007
logo
Diodes Incorporated
AP7217 DIODES-AP7217 Datasheet
251Kb / 7P
500mA CMOS LDO
AP7217 Rev. 1
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
500mA CMOS LDO Regulator
logo
Diodes Incorporated
AP7217 DIODES-AP7217_10 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
logo
Intersil Corporation
ISL80505IRAJZ INTERSIL-ISL80505IRAJZ Datasheet
711Kb / 14P
High Performance 500mA LDO
September 8, 2015
logo
Renesas Technology Corp
ISL80505 RENESAS-ISL80505 Datasheet
961Kb / 13P
High Performance 500mA LDO
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com