Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7217 Datasheet (PDF) - Diodes Incorporated

AP7217 Datasheet PDF - Diodes Incorporated
Part # AP7217
Download  AP7217 Download
File Size   251.6 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 500mA CMOS LDO

AP7217 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7217 Datasheet PDF - Diodes Incorporated

Part # AP7217
Download  AP7217 Click to download

File Size   251.6 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 500mA CMOS LDO

AP7217 Datasheet (HTML) - Diodes Incorporated


AP7217 Product details

General Description
The AP7217 low-dropout linear regulator operates from a 3.3V to 5.5V supply and delivers a guaranteed 500mA (min) continuous load current.
The high-accuracy output voltage is preset to an internally trimmed voltage. An active-low open-drain reset output remains asserted for at least 20ms (TYP) after output voltage reaches VDF.
The space-saving SOP-8L package is suitable for “pocket” and hand-held applications.

Features
• Very Low Dropout Voltage
• Low Current Consumption: Typ. 50μA
• Output Voltage: 3.3V
• Guaranteed 500mA (min) Output
• Input Range up to 5.5V
• Current Limiting
• Stable with either electrolytic capacitor or low-ESR MLCC (multi-layer ceramic capacitor) Low Temperature Coefficient
• SOP-8L: Available in “Green” Molding Compound (no Br, Sb)
• Lead Free Finish / RoHS Compliant (Note 1)

Applications
• HD/BlueRay DVD & MP3/4 Players
• Mobile Handsets and Smartphones
• Digital Still Camera
• Hand-Held Computers




Similar Part No. - AP7217

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7217 DIODES-AP7217 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
AP7217-33SG-13 DIODES-AP7217-33SG-13 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
AP7217A DIODES-AP7217A Datasheet
217Kb / 10P
3.3V 600mA CMOS LDO
AP7217A Rev. 1
AP7217A DIODES-AP7217A Datasheet
200Kb / 10P
3.3V 600mA CMOS LDO
AP7217A Rev. 3
AP7217A-33SG-13 DIODES-AP7217A-33SG-13 Datasheet
217Kb / 10P
3.3V 600mA CMOS LDO
AP7217A Rev. 1
More results


Similar Description - AP7217

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
500mA CMOS LDO Regulator
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
500mA CMOS LDO Regulator
logo
Diodes Incorporated
AP7217 DIODES-AP7217_10 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
logo
Microchip Technology
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
FULL CMOS LDO Regulator (500mA)
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com